Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCL Datasheet(PDF) 2 Page - Exxelia Group

Part # TCL
Description  High Voltage Varnished Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCL Datasheet(HTML) 2 Page - Exxelia Group

  TCL Datasheet HTML 1Page - Exxelia Group TCL Datasheet HTML 2Page - Exxelia Group TCL Datasheet HTML 3Page - Exxelia Group TCL Datasheet HTML 4Page - Exxelia Group TCL Datasheet HTML 5Page - Exxelia Group TCL Datasheet HTML 6Page - Exxelia Group TCL Datasheet HTML 7Page - Exxelia Group TCL Datasheet HTML 8Page - Exxelia Group TCL Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CERAMIC CAPACITORS
60
www.exxelia.com
Taping : dimensions
Page revised 02/21
TCL Series
High Voltage Varnished Leaded Capacitors
DIMENSIONS in inches (mm)
STANDARD RATINGS
Exxelia
size code
79
90
80
91
81
82
L max.
0.237
(6)
0.237
(6)
0.276
(7)
0.276
(7)
0.355
(9)
0.394
(10)
W max.
0.197
(5)
0.296
(7.5)
0.276
(7)
0.296
(7.5)
0.296
(7.5)
0.394
(10)
T max.
0.138 (3.5)
0.138 (3.5)
0.2kV up to 3kV: 0.118 (3)
4kV-5kV: 0.150 (3.8)
0.2kV up to 3kV: 0.158 (4)
4kV-5kV: 0.197 (5)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV: 0.237 (6)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV: 0.237 (6)
Ø ± 10%
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
X
0.2 ± 0.020
(5.08 ± 0.5)
0.2 ± 0.020
(5.08 ± 0.5)
0.2 ± 0.020
(5.08 ± 0.5)
0.2 ± 0.020
(5.08 ± 0.5)
0.3 ± 0.020
(7.62 ± 0.5)
0.4 ± 0.020
(10.16 ± 0.5)
Dielectric
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
Exxelia ceramic code
1421
421
421
4214
2142
Min. Capacitance value
10pF
27pF
100pF
10pF
33pF
150pF
10pF
33pF
150pF
15pF
47pF
150pF
18pF
56pF
150pF
33pF
82pF
330pF
0.2kV
Standard
5.6nF
120nF
220nF
12nF
220nF
470nF
12nF
220nF
390nF
15nF
330nF
560nF
18nF
390nF
820nF
33nF
680nF
1.5
µF
Extended
18nF
-
470nF
27nF
-
-
22nF
-
1
µF
39nF
-
-
56nF
-
1.8
µF
100nF
-
2.7
µF
0.5kV
Standard
3.3nF
22nF
47nF
6.8nF
47nF
100nF
5.6nF
47nF
100nF
6.8nF
68nF
150nF
8.2nF
82nF
220nF
22nF
120nF
390nF
Extended
10nF
39nF
150nF
18nF
68nF
-
18nF
68nF
270nF
22nF
100nF
-
27nF
120nF
560nF
68nF
220nF
1
µF
1kV
Standard
1.8nF
6.8nF
15nF
2.7nF
12nF
24nF
2.2nF
12nF
22nF
3.3nF
18nF
33nF
3.9nF
22nF
47nF
10nF
39nF
68nF
Extended
5.6nF
10nF
27nF
8.2nF
15nF
-
6.8nF
15nF
56nF
10nF
22nF
-
12nF
27nF
120nF
33nF
56nF
220nF
1.5kV
Standard
820pF
2.7nF
5.6nF
1.2nF
5.6nF
10nF
1.5nF
5.6nF
10nF
2.2nF
8.2nF
15nF
2.7nF
10nF
18nF
4.7nF
18nF
33nF
Extended
1.5nF
3.9nF
12nF
2.2nF
8.2nF
-
2.2nF
6.8nF
22nF
3.3nF
12nF
-
4.7nF
15nF
47nF
8.2nF
27nF
82nF
2kV
Standard
390pF
1.5nF
3.3nF
680pF
2.7nF
5.6nF
470pF
2.7nF
5.6nF
820pF
4.7nF
6.8nF
1.2nF
5.6nF
10nF
3.3nF
10nF
18nF
Extended
820pF
2.2nF
5.6nF
1.2nF
3.9nF
-
1nF
3.9nF
12nF
1.8nF
6.8nF
-
2.7nF
8.2nF
27nF
6.8nF
15nF
47nF
3kV
Standard
180pF
680pF
1.2nF
180pF
1.2nF
2.2nF
220pF
1.2nF
2.2nF
330pF
1.8nF
3.3nF
470pF
2.2nF
3.9nF
820pF
3.9nF
6.8nF
Extended
390pF
1nF
2.7nF
680pF
1.8nF
-
470pF
1.8nF
4.7nF
820pF
2.7nF
-
1nF
3.3nF
12nF
1.8nF
5.6nF
22nF
4kV
Standard
100pF
330pF
680pF
120pF
680pF
1nF
150pF
820pF
1.2nF
220pF
1.2nF
1.8nF
390pF
1.5nF
2.7nF
680pF
3.3nF
4.7nF
Extended
220pF
560pF
-
330pF
1nF
-
330pF
1.2nF
2.2nF
680pF
1.8nF
-
820pF
2.2nF
4.7nF
1.5nF
4.7nF
10nF
5kV
Standard
-
-
-
-
-
-
100pF
560pF
820pF
150pF
820pF
1nF
270pF
1nF
1.8nF
470pF
2.2nF
3.3nF
Extended
-
-
-
-
-
-
220pF
820pF
1.5nF
320pF
1.2nF
-
560pF
1.5nF
3.3nF
1nF
2.7nF
6.8nF
L1
T 1
X
Ø
L
T
Ø
X
TCL Series
TCK Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com