Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP Datasheet(PDF) 16 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 16 Page - Exxelia Group

Back Button TEP Datasheet HTML 9Page - Exxelia Group TEP Datasheet HTML 10Page - Exxelia Group TEP Datasheet HTML 11Page - Exxelia Group TEP Datasheet HTML 12Page - Exxelia Group TEP Datasheet HTML 13Page - Exxelia Group TEP Datasheet HTML 14Page - Exxelia Group TEP Datasheet HTML 15Page - Exxelia Group TEP Datasheet HTML 16Page - Exxelia Group TEP Datasheet HTML 17Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
CERAMIC CAPACITORS
16
www.exxelia.com
Page revised 02/21
Taping : dimensions
As the world’s leading manufacturer of specific passive components, we stand
apart through our ability to quickly evaluate the application specific engineering
challenges and provide a cost-effective and efficient solutions.
For requirements that cannot be met by catalog products, we offer leading edge
solutions in custom configuration: custom geometries, packaging, characteristics,
all is possible thanks to our extensive experience and robust development process,
while maintaining the highest level of reliability.
Where necessary, special testing is done to verify requirements, such as low
dielectric absorption, ultra-high insulation resistance, low dissipation factor,
stability under temperature cycling or under specified environmental conditions,
etc.
HIGH CAPACITANCE
• High energy density
• Specific case sizes
• Specific shape of connections (high resistance to vibrations)
HIGH TEMPERATURE
• Up to 250°C
• Specific shape of connections
• 2,000 hours life time
• HMP soldering
OTHERS
• Screen printed resistors
• Complex components
• Full functions available
HIGH VOLTAGE
• Up to 50 kV
• Specific circular shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com