Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP Datasheet(PDF) 2 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 2 Page - Exxelia Group

  TEP Datasheet HTML 1Page - Exxelia Group TEP Datasheet HTML 2Page - Exxelia Group TEP Datasheet HTML 3Page - Exxelia Group TEP Datasheet HTML 4Page - Exxelia Group TEP Datasheet HTML 5Page - Exxelia Group TEP Datasheet HTML 6Page - Exxelia Group TEP Datasheet HTML 7Page - Exxelia Group TEP Datasheet HTML 8Page - Exxelia Group TEP Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CERAMIC CAPACITORS
100
www.exxelia.com
Taping : dimensions
Page revised 02/21
TEP/TEV Series
High Capacitance Stacked Capacitors
DIMENSIONS in inches (mm)
L
W
b
d
L
R
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
0.098±0.02
(2.5±0.5)
L
W
0.1
(2.54)
0.02
0.012 max.
(0.3 max.)
X
L
0.098±0.02
(2.5±0.5)
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
C
R
W
0.1
(2.54)
0.02
(0.5)
(0.5)
L Model
TEP Model
TEV Model
P Model
PL Model
R Model
N Model
L1
W1
Ø
X1
Y1
L1
T
Ø
X1
L
W
b
d
L
R
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
0.098±0.02
(2.5±0.5)
L
W
0.1
(2.54)
0.02
0.012 max.
(0.3 max.)
X
L
0.098±0.02
(2.5±0.5)
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
C
R
W
0.1
(2.54)
0.02
(0.5)
(0.5)
L Model
TEP Model
TEV Model
P Model
PL Model
R Model
N Model
L1
W1
Ø
X1
Y1
L1
T
Ø
X1
STANDARD RATINGS
Size
3033
3740
5550
6080
40140
80150
8060
Exxelia
size code
53
54
55
56
57
58
65
L1 max.
0.418
(10.6)
0.493
(12.5)
0.623
(15.8)
0.701
(17.8)
0.556
(14.1)
0.894
(22.7)
0.894
(22.7)
W1 max.
0.363
(9.2)
0.473
(12)
0.536
(13.6)
0.851
(21.6)
1.504
(38.2)
1.599
(40.6)
0.654
(16.6)
X1 max.
0.323 ± 0.02
(8.2 ± 0.5)
0.4 ± 0.02
(10.16 ± 0.5)
0.579 ± 0.02
(14.7 ± 0.5)
0.6 ± 0.02
(15.24 ± 0.5)
0.4 ± 0.02
(10.16 ± 0.5)
0.835 ± 0.02
(21.2 ± 0.5)
0.835 ± 0.02
(21.2 ± 0.5)
Y1 max.
0.2 ± 0.02
(5.08 ± 0.5)
0.3 ± 0.02
(7.62 ± 0.5)
0.3 ± 0.02
(7.62 ± 0.5)
0.6 ± 0.02
(15.24 ± 0.5)
1.1 ± 0.02
(27.94 ± 0.5)
1.2 ± 0.02
(30.48 ± 0.5)
0.4 ± 0.02
(10.16 ± 0.5)
Leads diameter Ø
See table below
Min. Capacitance value
10nF
18nF
33nF
68nF
100nF
150nF
68nF
T max. inches (mm)
Nb. of chips
63 V
100nF
180nF
330nF
680nF
820nF
1.8
µF
680nF
0.158
(4)
1
220nF
330nF
560nF
1.2
µF
1.5
µF
3.3
µF
1.2
µF
0.315
(8)
2
330nF
470nF
820nF
1.8
µF
2.2
µF
4.7
µF
1.8
µF
0.473
(12)
3
470nF
680nF
1.2
µF
2.7
µF
3.3
µF
6.8
µF
2.7
µF
0.630
(16)
4
100 V
82nF
120nF
220nF
470nF
560nF
1.2
µF
470nF
0.158
(4)
1
180nF
270nF
470nF
1
µF
1.2
µF
2.7
µF1µF
0.315
(8)
2
270nF
390nF
680nF
1.5
µF
1.8
µF
3.9
µF
1.5
µF
0.473
(12)
3
330nF
470nF
1
µF
1.8
µF
2.2
µF
4.7
µF
1.8
µF
0.630
(16)
4
200 V
56nF
82nF
180nF
330nF
390nF
820nF
330nF
0.158
(4)
1
120nF
180nF
330nF
680nF
820nF
1.5
µF
680nF
0.315
(8)
2
180nF
270nF
470nF
1
µF
1.2
µF
2.7
µF1µF
0.473
(12)
3
220nF
330nF
680nF
1.2
µF
1.5
µF
3.3
µF
1.2
µF
0.630
(16)
4
500 V
18nF
27nF
56nF
100nF
150nF
270nF
100nF
0.158
(4)
1
33nF
56nF
120nF
220nF
270nF
560nF
220nF
0.315
(8)
2
56nF
100nF
180nF
330nF
390nF
820nF
330nF
0.473
(12)
3
68nF
120nF
220nF
390nF
470nF
1.2
µF
390nF
0.630
(16)
4
Available capacitance values:
NPO dielectric: E6, E12, E24 (see page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.
TEP 53 - TEP 54 - TEP 55
TEP 56 - TEP 65
TEV 53
TEV 54 - TEV 55 - TEV 56 - TEV 65
T max.
Leads diameter Ø (±10%) inches (mm)
4
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
0.039
(1)
8
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
0.039
(1)
12
0.031
(0.8)
0.039
(1)
0.031
(0.8)
0.039
(1)
16
0.031
(0.8)
0.039
(1)
0.031
(0.8)
0.039
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com