Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG11/X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG11/X
Description  NPN 2 GHz RF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG11/X Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG11/X Datasheet HTML 1Page - NXP Semiconductors BFG11/X Datasheet HTML 2Page - NXP Semiconductors BFG11/X Datasheet HTML 3Page - NXP Semiconductors BFG11/X Datasheet HTML 4Page - NXP Semiconductors BFG11/X Datasheet HTML 5Page - NXP Semiconductors BFG11/X Datasheet HTML 6Page - NXP Semiconductors BFG11/X Datasheet HTML 7Page - NXP Semiconductors BFG11/X Datasheet HTML 8Page - NXP Semiconductors BFG11/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 Apr 07
2
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG11; BFG11/X
FEATURES
• High power gain
• High efficiency
• Small size discrete power amplifier
• 1.9 GHz operating area
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Common emitter class-AB operation in hand-held radio
equipment at 1.9 GHz.
DESCRIPTION
NPN silicon planar epitaxial transistors encapsulated in a
plastic, 4-pin dual-emitter SOT143 package.
MARKING
TYPE NUMBER
CODE
BFG11
N72
BFG11/X
N73
PINNING
PIN
DESCRIPTION
BFG11 (see Fig.1)
1
collector
2
base
3
emitter
4
emitter
BFG11/X (see Fig.1)
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT143.
handbook, 2 columns
Top view
MSB014
12
3
4
QUICK REFERENCE DATA
RF performance at Tamb =25 °C in a common-emitter test circuit (see Fig.7).
MODE OF OPERATION
f
(GHz)
VCE
(V)
PL
(mW)
Gp
(dB)
ηc
(%)
Pulsed, class-AB, duty cycle < 1 : 8
1.9
3.6
400
≥4
≥50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com