Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG11/X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG11/X
Description  NPN 2 GHz RF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG11/X Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG11/X Datasheet HTML 1Page - NXP Semiconductors BFG11/X Datasheet HTML 2Page - NXP Semiconductors BFG11/X Datasheet HTML 3Page - NXP Semiconductors BFG11/X Datasheet HTML 4Page - NXP Semiconductors BFG11/X Datasheet HTML 5Page - NXP Semiconductors BFG11/X Datasheet HTML 6Page - NXP Semiconductors BFG11/X Datasheet HTML 7Page - NXP Semiconductors BFG11/X Datasheet HTML 8Page - NXP Semiconductors BFG11/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1995 Apr 07
3
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG11; BFG11/X
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
8V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
500
mA
IC(AV)
average collector current
−
500
mA
Ptot
total power dissipation
up to Ts =60 °C; note 1; see Fig.2
−
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
200
0
MLC818
150
T ( C)
o
s
Ptot
(mW)
300
500
400
100
THERMAL CHARACTERISTICS
Note to the “Limiting values” and “Thermal characteristics”
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts =60 °C; note 1;
Ptot = 400 mW
290
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com