Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVM-259R2425-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # XVM-259R2425-R
Description  PCBA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XVM-259R2425-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  XVM-259R2425-R Datasheet HTML 1Page - Eaton All Rights Reserved. XVM-259R2425-R Datasheet HTML 2Page - Eaton All Rights Reserved. XVM-259R2425-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 10920
Effective June 2019
XVM-259 Supercapacitor
PCBA Module
www.eaton.com/electronics
Ratings
Capacitance
4.17 - 6.25 F
Maximum working voltage
259.2 V
Surge voltage
273 V
Capacitance tolerance
-5% to +20% (+20 °C)
Operating temperature range
-40 °C to +65 °C
Extended temperature range
-40 °C to +85 °C (with linear derating to 220 V @ +85 °C)
Specifications
Capacitance (F)
Part number
Maximum initial
ESR1 (Ω)
Nominal leakage
current2 (mA )
Stored energy3
(Wh)
Peak power4
(kW)
Pulse
current5
(A)
4.17
XVM-259R2425-R
0.31
27
38.9
54.2
235.7
6.25
XVM-259R2635-R
0.25
28
58.3
67.2
316.1
Performance
Parameter (F)
Capacitance change
(% of initial value)
ESR (% of maximum
initial value)
Life (1500 hours at maximum temperature and voltage)
≤ 20%
≤ 200%
Storage – 3 years (uncharged, +30 °C)
≤ 5%
≤ 10%
Charge/Discharge Cycles (500,000 at +20 °C)
≤ 20%
≤ 200%
1. Capacitance, Equivalent Series Resistance (ESR) measured according to IEC62391-1 at +20 °C, with current in milliamps (mA) = 8*C*V
2. Leakage current at +20 °C after 72 hour charge and hold at rated voltage
3. Stored energy (Wh) = 0.5 x C x V2
3600
4. Peak Power (W) =
V2
4 x ESR
5. Pulse current in Amps (A), 1 second discharge from maximum working voltage to half rated voltage.= 0.5 x V x C
(1 + ESR x C)
Standards and certifications
Agency information
UL810a (cells)
Shock and vibration
MIL-STD 202G (Cells)
Environmental
RoHS, HF
Shipping
UN3499, <10 Wh, Non-hazardous when shipped with shorting wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com