Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVM-259R2425-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # XVM-259R2425-R
Description  PCBA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XVM-259R2425-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  XVM-259R2425-R Datasheet HTML 1Page - Eaton All Rights Reserved. XVM-259R2425-R Datasheet HTML 2Page - Eaton All Rights Reserved. XVM-259R2425-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com/electronics
© 2019 Eaton
All Rights Reserved
Printed in USA
Publication No. 10920 BU-MC19055
June 2019
XVM-259 Supercapacitor
PCBA Module
Technical Data 10920
Effective June 2019
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Follow us on social media to get the
latest product and support information.
Dimensions (mm)
Part Number
L (maximum)
W (maximum)
H (maximum)
XVM-259R2425-R
550
266
68.7
XVM-259R2635-R
550
266
93.7
Part numbering system
XVM
-259R2
4 2
5
-R
Family Code
Voltage (V)
R= decimal
Capacitance (μF)
Value
Multiplier
XVM = Family code
259R2 = 259.2 V
Example 425 = 4.2 x 105 µF or 4.2 F
Standard product
Packaging information
•
Standard packaging: 1 piece per box
Part marking
•
Manufacturer
•
Capacitance (F)
•
Maximum operating voltage (V)
•
Family code or part number
Negative Terminal
Positive Terminal
6.00
110.75
220.25
151.25
183.75
293.25
78.25
402.75
439.25
544.00
W
6.50
32x
260.00
329.75
224.25
187.75
133.00
L
6.00
H
Terminal screws: M5 Philslot
Nickel-plated brass
Maximum torque: 20 in-lb/ 2.2 N-m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com