Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BKA Datasheet(PDF) 1 Page - ITT Industries

Part # BKA
Description  ARINC 600
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BKA Datasheet(HTML) 1 Page - ITT Industries

  BKA Datasheet HTML 1Page - ITT Industries BKA Datasheet HTML 2Page - ITT Industries BKA Datasheet HTML 3Page - ITT Industries BKA Datasheet HTML 4Page - ITT Industries BKA Datasheet HTML 5Page - ITT Industries BKA Datasheet HTML 6Page - ITT Industries BKA Datasheet HTML 7Page - ITT Industries BKA Datasheet HTML 8Page - ITT Industries BKA Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ARINC 600
BKAD/E/F
Low insertion force contacts.
Both environmental and non- environmental
versions.
Polarizing posts that are removable from the
mating face.
Field replaceable inserts for size 22 and
power contacts.
Up to 800 size 22 contacts in one connector.
Crimp, coax, power, printed circuit and wire
wrappable post style contacts.
Uses standard DPX crimp, insertion/extraction
tooling.
Waveguide connections available.
BKAD/E
BKAD/E connectors represent a major milestones in
presenting a new rack and panel connector for
support of the air transportation market.
Several important design concerns have been ad-
dressed and solved in this new series. High mating
forces of pluggable modules in a rack have been
reduced by approximately two-thirds.
The low insertion force contacts are also inter-
changeable with the contacts used in the DPX
series and permit retrofit of existing equipment.
BKAF
This new connector is totally intermateable and
intermountable with ARINC 600 connectors now in
the field.
The BKAF permits the user to easily replace a
contact in case of problems, rather than disas-
semble the entire connector--it is available with
size 22 contacts in wrap post or solder-tail ver-
sions. The system maintains the advantages of low
insertion force technology incorporated in all ARINC
600 connectors.
Rear Release/Rear Removable
Size 12, 16, 20, 22 Crimp Contacts
Front Release/Front Removable
Size 22 Solder Tail and Wrap Post Contacts
Pos-Aline Connector Construction Feature
Material Specifications
In the ARINC 600 connector series, Size 22 con-
tacts are the only size that utilize this design
feature. The hooded socket extends from its in-
sulator while the pin contacts are shrouded by its
front insulator.
All other contacts used in this series employ stan-
dard contact design.
The result is that the complement of contacts for
the plug connectors will consist of pin contacts for
size 22 and socket contacts for all others. The
receptacle contacts will be just the reverse, socket
contact for size 22 and pin contacts for the
balance.
Shell & Waveguide
BKAD
BKAE
BKAF
Specifications
Insulator
Contacts
Grommets/Seals
O-Ring
Finish
Material
Material
Material
Finish
Termination
Material
Material
1200
Alodine
Thermoset
Aluminum alloy
Copper alloy
Gold over Nickel
Crimp
N/A
N/A
1200
Alodine
Thermoset
Aluminum alloy
Copper alloy
Gold over Nickel
Crimp
Silicone-based Elastomer
Silicone-based Elastomer
1200
Alodine
Thermoset
Aluminum alloy
Copper alloy
Gold over Nickel
P.C./Wrap Post
N/A
N/A
MIL-C-5541
N/A
QQ A-591/A380
QQ-C-533
MIL-G-45204
N/A
N/A
N/A
www.ittcannon.com
2
Dimensions are shown in inches (millimeters).
Dimensions subject to change.


Similar Part No. - BKA

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
BKA400AA10 SANREX-BKA400AA10 Datasheet
192Kb / 2P
SCHOTTKY BARRIER DIODE MODULE
logo
Cooper Bussmann, Inc.
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
logo
ITT Industries
BKAD1A234MAA30001FO ITT-BKAD1A234MAA30001FO Datasheet
8Mb / 386P
Military/Aerospace
BKAD1A234MAA30101FO ITT-BKAD1A234MAA30101FO Datasheet
8Mb / 386P
Military/Aerospace
BKAD1A234MAA40001FO ITT-BKAD1A234MAA40001FO Datasheet
8Mb / 386P
Military/Aerospace
More results

Similar Description - BKA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
Filter; ARINC Series 600 Standard, Rack & Panel
SGA ITT-SGA Datasheet
124Kb / 4P
ARINC 600 Rack and Panel Connectors
logo
Glenair, Inc.
240-050-3P01X GLENAIR-240-050-3P01X Datasheet
647Kb / 2P
ARINC 600 Class A Size 3 Filter Receptacle
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
ARINC 600
031-1287-000 ITT-031-1287-000 Datasheet
688Kb / 19P
ARINC 600 BKAD/E/F
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
PIN CONTACT, SIZE 16 ARINC 600 TYPE
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
P522 ETC2-P522 Datasheet
116Kb / 1P
SIZE 5 ARINC 600 RF CONNECTOR FOR ECS CABLE 432101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com