Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BKA Datasheet(PDF) 16 Page - ITT Industries

Part # BKA
Description  ARINC 600
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BKA Datasheet(HTML) 16 Page - ITT Industries

Back Button BKA Datasheet HTML 11Page - ITT Industries BKA Datasheet HTML 12Page - ITT Industries BKA Datasheet HTML 13Page - ITT Industries BKA Datasheet HTML 14Page - ITT Industries BKA Datasheet HTML 15Page - ITT Industries BKA Datasheet HTML 16Page - ITT Industries BKA Datasheet HTML 17Page - ITT Industries BKA Datasheet HTML 18Page - ITT Industries BKA Datasheet HTML 19Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.ittcannon.com
17
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Connectors
BKAD/E/F
Sealing Plugs-BKAE Environmental Connnectors Only
Filler Plugs-BKAD Non-Environmental Connectors Only
Cavity Reducer
Dust Caps
Part
Number
Contact
Size
Color
A
B
C
Part
Number
#5 Coax to #12 Contact
Cavity reducers are available when additional circuits are required for siz 12 power contacts. These
reducers, having the internal configuration of size 12 power contact, are inserted into the size 5 coaxial
insulator cavity to create size 12 power contact cavity.
225-0094-000
225-1013-000
225-0070-000
225-0071-000
225-0072-000
225-0090-000
225-0095-000
225-0096-000
225-0097-000
225-0098-000
225-0099-000
025-1121-001
025-1122-001
025-1123-001
025-1124-001
Pin
P/N 021-8756-000
Socket
P/N 021-8757-000
Note: Supplied as standard for BKA product line only.
BKAD 1-A & B-Plug
BKAD 1-C-Plug
BKAD 2&3-A & B-Plug
BKAD 2&3-C-Plug
025-1155-001
025-1156-001
025-1157-001
025-1158-001
BKAD 1-A&B-Receptacle
BKAD 1-C-Receptacle
BKAD 2&3-A & B-Receptacle
BKAD 2&3-C-Receptacle
22
20
16
12
#5 Coax
(Pin)
22
20
16
12
#5 and #9 Coax
#5 and #9 Coax
(Socket)
Black
Red
Blue
Yellow
White
Black
Red
Blue
Yellow
White
.063 (1.6)
.085 (2.2)
.115 (2.9)
.171 (4.3)
.365 (9.3)
.040 (1.0)
.065 (1.6)
.075 (1.9)
.121 (3.1)
.287 (7.3)
.469 (11.9)
.469 (11.9)
.469 (11.9)
.564 (14.3)
.835 (21.2)
White
.069 (1.7)
.083 (2.1)
.131 (3.3)
.187 (4.7)
.275 (7.0)
.275 (7.0)
.051 (1.3)
.069 (1.7)
.108 (2.7)
.156 (4.0)
.251 (6.4)
.251 (6.4)
.420 (10.7)
.350 (8.9)
.320 (8.1)
.320 (8.1)
.450 (11.4)
1.061 (26.9)
Part Number
Part Number
Description
Description
Contact
Size
Color
A
B
C
P/N 225-0090-000
Material: Teflon
(All others thermoplastic)
P/N 225-0099-000
Material: Teflon
(All others thermoplastic)
BKAF P/N 225-1058-000
(Size 22 - Black)
(See Customer Use Drawing for details)
Conductive dust caps protect against
static electricity.
A
A
A
A
B
B
B
B
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com