Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT543ATSOG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 74FCT543ATSOG
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT543ATSOG Datasheet(HTML) 5 Page - Renesas Technology Corp

  74FCT543ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 7Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
74FCT543AT/CT
FASTCMOSOCTALLATCHEDTRANSCEIVER
5
Feb.11.20
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
74FCT543AT
74FCT543CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
6.5
1.5
5.3
ns
tPHL
TransparantMode
RL = 500
Ω
Ax to Bx or Bx to Ax
tPLH
PropagationDelay
1.5
8
1.5
7
ns
tPHL
LEBA to Ax, LEAB to Bx
tPZH
OutputEnableTime
1.5
9
1.5
8
ns
tPZL
OEBA or OEAB to Ax or Bx
CEBA or CEAB to Ax or Bx
tPHZ
OutputDisableTime
1.5
7.5
1.5
6.5
ns
tPLZ
OEBA or OEAB to Ax or Bx
CEBA or CEAB to Ax or Bx
tSU
Set-up Time, HIGH or LOW
2
—
2
—
ns
Ax or Bx to LEBA or LEAB
tH
Hold Time, HIGH or LOW
2
—
2
—
ns
Ax or Bx to LEBA or LEAB
tW
LEBA or LEAB Pulse Width LOW
5
—
5
—
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com