Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT543ATSOG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT543ATSOG
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT543ATSOG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT543ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 7Page - Renesas Technology Corp 74FCT543ATSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
74FCT543AT/CT
FASTCMOSOCTALLATCHEDTRANSCEIVER
1
Feb.11.20
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• A and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages
FUNCTIONAL BLOCK DIAGRAM
74FCT543AT/CT
FAST CMOS
OCTAL LATCHED
TRANSCEIVER
DESCRIPTION:
TheFCT543Tisanon-invertingoctaltransceiverbuiltusinganadvanced
dual metal CMOS technology. This device contains two sets of eight D-type
latches with separate input and output controls for each set. For data flow
fromAtoB,forexample,theA-to-BEnable(CEAB)inputmustbelowinorder
to enter data from A0–A7 or to take data from B0–B7, as indicated in the
Function Table. With CEAB low, a low signal on the A-to-B Latch Enable
(LEAB) input makes the A-to-B latches transparent; a subsequent low-to-
high transition of the LEAB signal puts the A latches in the storage mode and
theiroutputsnolongerchangewiththeAinputs. WithCEABandOEAB both
low, the 3-state B output buffers are active and reflect the data present at the
output of the A latches. Control of data from B to A is similar, but uses the
CEBA, LEBA and OEBA inputs.
A1
Q
OEBA
A2
A3
A4
A5
A6
A7
B1
B2
B3
B4
B5
B6
B7
CEBA
LEBA
OEAB
CEAB
LEAB
DETAIL A x 7
D
LE
Q
D
LE
DETAIL A
A0
B0


Similar Part No. - 74FCT543ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT543ATSOG IDT-74FCT543ATSOG Datasheet
89Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
74FCT543ATSOG8 IDT-74FCT543ATSOG8 Datasheet
89Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
More results

Similar Description - 74FCT543ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT543AT IDT-IDT74FCT543AT_06 Datasheet
75Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543AT IDT-IDT74FCT543AT Datasheet
89Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com