Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4949 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 9Page - National Semiconductor (TI) LM4949 Datasheet HTML 10Page - National Semiconductor (TI) LM4949 Datasheet HTML 11Page - National Semiconductor (TI) LM4949 Datasheet HTML 12Page - National Semiconductor (TI) LM4949 Datasheet HTML 13Page - National Semiconductor (TI) LM4949 Datasheet HTML 14Page - National Semiconductor (TI) LM4949 Datasheet HTML 15Page - National Semiconductor (TI) LM4949 Datasheet HTML 16Page - National Semiconductor (TI) LM4949 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Electrical Characteristics V
DD = 5.0V (Notes 1, 2) The following specifications apply for AV = 0dB,
RL(SP) =15µH+8
Ω + 15µH, R
L(HP) =32
Ω, f = 1kHz unless otherwise specified. Limits apply for T
A = 25˚C. (Continued)
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX –TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4949, see power
derating currents for additional information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF – 240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test or statistical analysis.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com