Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4949 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4949 Datasheet HTML 1Page - National Semiconductor (TI) LM4949 Datasheet HTML 2Page - National Semiconductor (TI) LM4949 Datasheet HTML 3Page - National Semiconductor (TI) LM4949 Datasheet HTML 4Page - National Semiconductor (TI) LM4949 Datasheet HTML 5Page - National Semiconductor (TI) LM4949 Datasheet HTML 6Page - National Semiconductor (TI) LM4949 Datasheet HTML 7Page - National Semiconductor (TI) LM4949 Datasheet HTML 8Page - National Semiconductor (TI) LM4949 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM4949
Stereo Class D Audio Subsystem with OCL Headphone
Amplifier
General Description
The LM4949 is a fully integrated audio subsystem designed
for stereo cell phone applications. The LM4949 combines a
2.5W stereo Class D amplifier plus a separate 190mW ste-
reo headphone amplifier, volume control, and input mixer
into a single device. The filterless class D amplifiers deliver
1.19W/channel into an 8
Ω load with <1% THD+N from a 5V
supply. The headphone amplifier features National’s Output
Capacitor-less (OCL) architecture that eliminates the output
coupling capacitors required by traditional headphone ampli-
fiers. Additionally, the headphone amplifiers can be config-
ured with capacitively coupled (CC)loads, or used to drive an
external headphone amplifier. When configured for an exter-
nal amplifier, the V
DD/2 output (VOC) controls the external
amplifier’s shutdown input.
For improved noise immunity, the LM4949 features fully
differential left, right and mono inputs. The three inputs can
be mixed/multiplexed to either the speaker or headphone
amplifiers. The left and right inputs can be used as separate
single-ended inputs, mixing multiple stereo audio sources.
The mixer, volume control, and device mode select are
controlled through an I
2C compatible interface.
Output short circuit and thermal shutdown protection prevent
the device from being damaged during fault conditions. Su-
perior click and pop suppression eliminates audible tran-
sients on power-up/down and during shutdown.
Key Specifications
j Efficiency VDD = 3.6V, 400mW into 8
Ω
86.5%
j Efficiency VDD = 5V, 1W into 8
Ω
87.4%
j Quiescent Power Supply Current @ 3.6V
9.36mA
j Power Output at VDD =5V
Speaker:
R
L =4
Ω, THD+N ≤ 1%
R
L =8
Ω, THD+N ≤ 1%
R
L =4
Ω, THD+N ≤ 10%
2W
1.19W
2.5W
Headphone:
R
L =16
Ω, THD+N ≤ 1%
R
L =32
Ω, THD+N ≤ 1%
153mW
89mW
j Shutdown Current
0.1µA
Features
n
Output Short Circuit Protection
n
Thermal Shutdown
n
Stereo filterless Class D operation
n
Selectable OCL/CC Headphone Drivers
n
RF Suppression
n
I
2C Control Interface
n
32-step digital volume control
n
Independent Speaker and Headphone Gain Settings
n
Minimum external components
n
Click and Pop suppression
n
Micro-power shutdown
n
Available in space-saving 25 bump µSMD package
Applications
n
Mobile phones
n
PDAs
n
Laptops
Boomer® is a registered trademark of National Semiconductor Corporation.
September 2006
© 2006 National Semiconductor Corporation
DS202001
www.national.com


Similar Part No. - LM4949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
Pulse Width Modulated Control Circuit
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940 TI2-LM4940 Datasheet
1Mb / 25P
LM4940 6W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results

Similar Description - LM4949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com