Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9381FDH Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89LPC9381FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9381FDH Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89LPC9381FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
P89LPC9381_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2006
39 of 60
Philips Semiconductors
P89LPC9381
8-bit microcontroller with 10-bit ADC
7.26.9 Power-on reset code execution
The P89LPC9381 contains two special flash elements: the Boot Vector and the Boot
Status Bit. Following reset, the P89LPC9381 examines the contents of the Boot Status
Bit. If the Boot Status Bit is set to zero, power-up execution starts at location 0000H, which
is the normal start address of the user’s application code. When the Boot Status Bit is set
to a value other than zero, the contents of the Boot Vector is used as the high byte of the
execution address and the low byte is set to 00H.
Table 8 shows the factory default Boot Vector setting for this device. A factory-provided
bootloader is pre-programmed into the address space indicated and uses the indicated
boot loader entry point to perform ISP functions. This code can be erased by the user.
Users who wish to use this loader should take precautions to avoid erasing the
1 kB sector that contains this boot loader. Instead, the page erase function can be
used to erase the first eight 64 B pages located in this sector. A custom bootloader
can be written with the Boot Vector set to the custom boot loader, if desired.
7.26.10 Hardware activation of the bootloader
The bootloader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC9381
User’s Manual for specific information). This
has the same effect as having a non-zero status byte. This allows an application to be built
that will normally execute user code but can be manually forced into ISP operation. If the
factory default setting for the Boot Vector (0FH) is changed, it will no longer point to the
factory pre-programmed ISP bootloader code. After programming the flash, the status
byte should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
7.27 User configuration bytes
Some user-configurable features of the P89LPC9381 must be defined at power-up and
therefore cannot be set by the program after start of execution. These features are
configured through the use of the flash byte UCFG1. Please see the P89LPC9381
User’s
Manual for additional details.
7.28 User sector security bytes
There are four User Sector Security Bytes on the P89LPC9381. Each byte corresponds to
one sector. Please see the P89LPC9381
User’s Manual for additional details.
8.
ADC
8.1 General description
The P89LPC9381 has a 10-bit, 8-channel multiplexed successive approximation
analog-to-digital converter module. A block diagram of the ADC is shown in Figure 15.
The ADC consists of an 8-input multiplexer which feeds a sample-and-hold circuit
Table 8.
Default Boot Vector values and ISP entry points
Device
Default
boot vector
Default
bootloader
entry point
Default bootloader
code range
1 kB sector
range
P89LPC9381
0FH
0F00H
0E00H to 0FFFH
0C00H to 0FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com