Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9381FDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC9381FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9381FDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC9381FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
P89LPC9381_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2006
7 of 60
Philips Semiconductors
P89LPC9381
8-bit microcontroller with 10-bit ADC
P0[2]/CIN2A/
KBI2/AD01
25
I/O
P0[2] — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
I
AD01 — ADC0 channel 1 analog input.
P0[3]/CIN1B/
KBI3/AD02
24
I/O
P0[3] — Port 0 bit 3.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
I
AD02 — ADC0 channel 2 analog input.
P0[4]/CIN1A/
KBI4/AD03
23
I/O
P0[4] — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
I
AD03 — ADC0 channel 3 analog input.
P0[5]/CMPREF/
KBI5
22
I/O
P0[5] — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
P0[6]/CMP1/
KBI6
20
I/O
P0[6] — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P0[7]/T1/KBI7
19
I/O
P0[7] — Port 0 bit 7.
I/O
T1 — Timer/counter 1 external count input or overflow output.
I
KBI7 — Keyboard input 7.
P1[7:0]
I/O, I
[1]
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except for
three pins as noted below. During reset Port 1 latches are configured in the input
only mode with the internal pull-up disabled. The operation of the configurable
Port 1 pins as inputs and outputs depends upon the port configuration selected.
Each of the configurable port pins are programmed independently. Refer to
Section 7.13.1 “Port configurations” and Table 10 “Static characteristics” for
details. P1[2] to P1[3] are open-drain when used as outputs. P1[5] is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
P1[0]/TXD
18
I/O
P1[0] — Port 1 bit 0.
O
TXD — Transmitter output for the serial port.
P1[1]/RXD
17
I/O
P1[1] — Port 1 bit 1.
I
RXD — Receiver input for the serial port.
P1[2]/T0/SCL
12
I/O
P1[2] — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain when
used as output).
I/O
SCL — I2C-bus serial clock input/output.
P1[3]/INT0/SDA
11
I/O
P1[3] — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
P1[4]/INT1
10
I
P1[4] — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com