Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKHC2B14AC Datasheet(PDF) 3 Page - ITT Industries

Part # ASKHC2B14AC
Description  General Purpose Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASKHC2B14AC Datasheet(HTML) 3 Page - ITT Industries

  ASKHC2B14AC Datasheet HTML 1Page - ITT Industries ASKHC2B14AC Datasheet HTML 2Page - ITT Industries ASKHC2B14AC Datasheet HTML 3Page - ITT Industries ASKHC2B14AC Datasheet HTML 4Page - ITT Industries ASKHC2B14AC Datasheet HTML 5Page - ITT Industries ASKHC2B14AC Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K
K-46
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
OPERATING FORCE
ELECTRICAL RATING
40
1134
DP
PF
5
142
SP
GG
30
850
DP
PD
20
567
SP
KH
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
NO.
POLES
OPTION CODE
NOTE: Operating force varies with actuator, see ACTUATOR option section.
• AVAILABLE
x NOT AVAILABLE
•
F5
x
•
•
•
F3
x
•••
C2
OPERATING FORCE
(OZ./GRAMS)
ELECTRICAL
RATING
AVAILABLE COMBINATIONS
GG
KH
PD
PF
5
20
30
40
142
567
850
1134
•
x
x
From low level* to 1 AMP @ 125 V AC, 30 V DC.
Gold alloy on brass base
alloy.
Gold alloy.
F5
25 AMPS @ 125 & 250 V AC; 1 HP @ 125 V AC;
2 HP @ 250 V AC; 2 AMPS @ 24 V DC.
Silver welded on copper
base alloy.
Precious metal alloy.
F3
15 AMPS @ 125 & 250 V AC; 3/4 HP @ 125 V AC;
1-1/2 HP @ 250 V AC.
Fine silver welded on brass
base alloy.
Fine silver.
C2
ELECTRICALRATING
CONTACT MATERIAL
STATIONARY CONTACT
OPTION
CODE
All models
with all options.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching,
i.e., 0.4 VA max. @ 20 V AC or DC max.
ROHS
COMPLIANT*
ROHS
COMPATIBLE*
YES
YES
YES
YES
YES
YES
MOVABLE CONTACT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com