Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKHC2B14AC Datasheet(PDF) 1 Page - ITT Industries

Part # ASKHC2B14AC
Description  General Purpose Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASKHC2B14AC Datasheet(HTML) 1 Page - ITT Industries

  ASKHC2B14AC Datasheet HTML 1Page - ITT Industries ASKHC2B14AC Datasheet HTML 2Page - ITT Industries ASKHC2B14AC Datasheet HTML 3Page - ITT Industries ASKHC2B14AC Datasheet HTML 4Page - ITT Industries ASKHC2B14AC Datasheet HTML 5Page - ITT Industries ASKHC2B14AC Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
K
K–44
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
Models Available
Features/Benefits
• Low cost—high performance
• Long electrical life
• Single and double pole
• Sealed actuator option available
Typical Applications
• Enclosure equipment
• Garage door openers
• Vending machines
Specifications
CONTACT RATING: From low level* to 30.1 AMPS @ 277 V AC.
ELECTRICAL LIFE: 75,000 cycles at 25 AMPS @ 250 V AC,
200,000 cycles at 15 AMPS @ 250 V AC.
INSULATION RESISTANCE: 1,000 M ohm min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –67ºF to 185ºF (–55ºC to 85ºC).
OPERATING FORCE: 20 oz. (567 grams) max. SP models.
40 oz. (1134 grams) max. DP models at actuator button.
MOUNTING: Torque screws 3 in/lbs max.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
SWITCH HOUSING: Heat resistant phenolic (UL 94V-0).
ACTUATOR BUTTON: Heat resistant phenolic (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Brass alloy for models up to 15 AMPS.
Copper for 25 AMP models.
MOVABLE CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver for ratings up to 15 AMPS. Precious metal alloy
for ratings of 30.1 AMPS.
STATIONARY CONTACTS: Gold alloy on brass base alloy
for ratings 1 AMP or less. Fine silver welded on brass base
alloy for ratings greater than 1 AMP up to 15 AMPS.
Fine silver welded on copper alloy for ratings 30.1 AMPS.
TERMINALS: Brass alloy for 1 AMP up to 15 AMPS.
Copper alloy for 30.1 AMPS.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-45 through K-49. For additional options not shown in catalog, consult Customer Service Center.
Series
A General Purpose Snap-acting Switches
Operating Force
KH* 20 oz./567 grams
PD** 30 oz./850 grams
GG*5 oz./142 grams
PF**40 oz./1134 grams
Electrical Rating
C2 15 A, 125, 25O V AC;
3/4 HP, 125 V AC; 1 1/2 HP, 250 V AC
F3 25 A, 125, 250 V AC; 1 HP, 125 V Ac;
2 HP, 250 V AC; 2 A, 24 V DC
F5 1 A, 125 V AC, 3O V DC
Actuator
P0 Pin plunger
T0 Lever
A0 Lever roller
A2 Lever roller, high force
BB Large red button
B1 Large black button
J0 High overtravel plunger
L0 Leaf
Q0 High operating position plunger
W0 Leaf roller
Terminations
4A .250" quick connect
Circuitry
C DT
W ST N.C.
Y ST N.O.
No. Poles
S SP
D DP
4
A
A
* Single Pole
** Double Pole


Similar Part No. - ASKHC2B14AC

ManufacturerPart #DatasheetDescription
logo
C&K Components
ASKHC2B14AC CK-COMPONENTS-ASKHC2B14AC Datasheet
555Kb / 5P
General Purpose Snap-acting Switches
14 Jan 19
More results

Similar Description - ASKHC2B14AC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
logo
C&K Components
ASKHC2P04AC CK-COMPONENTS-ASKHC2P04AC Datasheet
227Kb / 5P
General Purpose Snap-acting Switches
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
Subminiature Snap-acting Switches
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
Miniature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
Subminiature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
Subminiature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
Miniature Snap-acting Switches
A CK-COMPONENTS-A_V01 Datasheet
580Kb / 5P
General Purpose Snap-acting Switches
27 Oct 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com