Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK Datasheet(PDF) 1 Page - Bertech.

Part # FSK
Description  ESD Field Service Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

FSK Datasheet(HTML) 1 Page - Bertech.

  FSK Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
ESD Field Service Kits
RoHS Compliant
FSK Series
ESD Field Service Kits provide a complete portable ESD safe workstation for personnel working with
electronics in the field. They are used by technicians in telecommunications, computer repair,
industrial controls, imaging machines and business equipment service applications. The entire ESD kit
folds to fit into most tool cases. Custom mat printing is available. Includes 24" x 24" mat with 2
pockets, wrist strap, and ground cord with a bulldog clips.
APPLICATIONS: Electronic Technicians, Computer or Electronic repair, Cleanroom operation, Fiber
Optics, Aerospace and Hospitals. To be used in table top applications.
TYPICAL PHYSICAL PROPERTIES
(1)
CONSTRUCTION
12.6 oz. Vinyl with dissipative buried conductive layer
PHYSICAL PROPERTIES:
COLOR
Blue, Red
GAUGE /THICKNESS
0.018′′ ± 0.010′; 3/16′′
POCKETS
2 – 8” x 12” Pockets
TENSILE
220 lbs./in.² min.
BURST STRENGTH
350 psi
TEAR
6 lbs./in. min.
SNAPS
10mm male snaps
SURFACE RESISTIVITY
>1.0 x 10
6, <1.0 x 109 ohms
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.
Bertech makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.


Similar Part No. - FSK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
FSK ATMEL-FSK Datasheet
283Kb / 13P
Transmitter
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
FLEXSTRIP 짰 Jumpers
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
FSK10 SERIES AC/DC CONVERTERS
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
logo
List of Unclassifed Man...
FSK-S10-12U ETC1-FSK-S10-12U Datasheet
49Kb / 3P
FSK10 SERIES AC/DC CONVERTERS
More results

Similar Description - FSK

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6087 POMONA-6087 Datasheet
26Kb / 2P
Field Service Kit, Red, ESD
6088 POMONA-6088 Datasheet
62Kb / 2P
Field Service Kit, Red Large, ESD
logo
3M Electronics
8505 3M-8505 Datasheet
103Kb / 2P
Lightweight Portable Field Service Kit
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
AFV BERTECH-AFV Datasheet
170Kb / 1P
ESD Floor Runners and Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com