Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG67/X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG67/X
Description  NPN 8 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67/X Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG67/X Datasheet HTML 1Page - NXP Semiconductors BFG67/X Datasheet HTML 2Page - NXP Semiconductors BFG67/X Datasheet HTML 3Page - NXP Semiconductors BFG67/X Datasheet HTML 4Page - NXP Semiconductors BFG67/X Datasheet HTML 5Page - NXP Semiconductors BFG67/X Datasheet HTML 6Page - NXP Semiconductors BFG67/X Datasheet HTML 7Page - NXP Semiconductors BFG67/X Datasheet HTML 8Page - NXP Semiconductors BFG67/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Oct 02
4
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector leakage current
VCB =5V; IE =0
−−
50
nA
hFE
DC current gain
IC = 15 mA; VCE = 5 V
60
100
−
fT
transition frequency
IC = 15 mA; VCE = 8 V; f = 500 MHz
−
8
−
GHz
Cc
collector capacitance
IE =ie = 0; VCB = 8 V; f = 1 MHz
−
0.7
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
1.3
−
pF
Cre
feedback capacitance
IC =ic = 0; VCB = 8 V; f = 1 MHz
−
0.5
−
pF
GUM
maximum unilateral power
gain; note 1
IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
−
17
−
dB
IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
−
10
−
dB
F
noise figure
Γs = Γopt; IC = 5 mA; VCE =8V
Tamb =25 °C; f = 1 GHz
−
1.3
−
dB
Γ
s = Γopt; IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
−
1.7
−
dB
IC = 5 mA; VCE =8V;
Tamb = 25 °C; f = 2 GHz; ZS =60 Ω
−
2.5
−
dB
IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz; ZS =60 Ω
−
3
−
dB
G
UM
10
S
21
2
1S
11
2
–
() 1S
22
2
–
()
-------------------------------------------------------------- dB.
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com