Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG67/X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFG67/X
Description  NPN 8 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67/X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFG67/X Datasheet HTML 4Page - NXP Semiconductors BFG67/X Datasheet HTML 5Page - NXP Semiconductors BFG67/X Datasheet HTML 6Page - NXP Semiconductors BFG67/X Datasheet HTML 7Page - NXP Semiconductors BFG67/X Datasheet HTML 8Page - NXP Semiconductors BFG67/X Datasheet HTML 9Page - NXP Semiconductors BFG67/X Datasheet HTML 10Page - NXP Semiconductors BFG67/X Datasheet HTML 11Page - NXP Semiconductors BFG67/X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Oct 02
8
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
BFG67/X
Noise Parameters
f
(MHz)
VCE
(V)
IC
(mA)
1000
8
5
Fmin
(dB)
Gamma (opt)
Rn/50
(mag)
(ang)
1.3
0.375
65.9
0.304
Fig.14 Noise circle figure.
ZO =50 Ω.
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
− j
MBB316
Fmin
2 dB
stability
circle
=1.3 dB
OPT
0.2
1
10
5
2
0.5
3 dB
4 dB
BFG67/X
Noise Parameters
Average Gain Parameters
f
(MHz)
VCE
(V)
IC
(mA)
2000
8
5
Fmin
(dB)
Gamma (opt)
Rn/50
(mag)
(ang)
2.2
0.391
136.5
0.184
GMAX
(dB)
Gamma (max)
(mag)
(ang)
12
0.839
−170
Fig.15 Noise circle figure.
ZO =50 Ω.
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
MBB315
10
15
2
0.2
0.5
3 dB
4 dB
5 dB
OPT
Fmin=2.2 dB
Gmax
10 dB
9 dB
8 dB
=12dB
11 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com