Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA Datasheet(PDF) 2 Page - IET Labs Inc.

Part # SCA
Description  Standard Capacitance Reference or Working Standards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

SCA Datasheet(HTML) 2 Page - IET Labs Inc.

  SCA Datasheet HTML 1Page - IET Labs Inc. SCA Datasheet HTML 2Page - IET Labs Inc. SCA Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
SCA Series
Page 2 of 3
Standard Capacitance
Reference or Working Standards
SCA Data Sheet/ Dec. 2022
Connection Schematics for Low Values
Low-value SCA's have 3 terminals -- HI and LO, and GND.The
capacitance of the unit is shown as CHL. There is additional
capacitance to the case shown by CHG and CLG. These ca-
pacitances will add to CHL unless the 3rd terminal, GND, is
connected to the GUARD of the measuring instrument.
C
HL
C
LG
C
HG
LOW
HIGH
GND
Low Value SCA Units
SCA-100nF
(1.9 nF< values <1µF)
SCA-1nF
(values £1.9 nF)
Connection Schematics for High Values
High-value SCA's have 5 binding posts -- HI CURRENT,
HI SENSE, LO CURRENT, LO SENSE, and GND.
This 4-terminal connection circuit has special wiring
and low-resistance conductors to minimize dissipa-
tion and parasitic inductance, and improve frequency
characteristics.
C
HL
C
LG
C
HG
CURRENT
LOW
SENSE
LOW
CURRENT
HIGH
SENSE
HIGH
GND
SCA-10000µF
SCA-1000µF
SCA-100µF
(values >1µF)
SCA-1µF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com