Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA Datasheet(PDF) 1 Page - IET Labs Inc.

Part # SCA
Description  Standard Capacitance Reference or Working Standards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

SCA Datasheet(HTML) 1 Page - IET Labs Inc.

  SCA Datasheet HTML 1Page - IET Labs Inc. SCA Datasheet HTML 2Page - IET Labs Inc. SCA Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
SCA Series
Page 1 of 3
Standard Capacitance
Reference or Working Standards
SCA Data Sheet/ Dec. 2022
Environment:
Operating:
+10 to +40°C, <80% RH
Storage:
-20 to +65°C
Calibration Conditions:
Calibrated at 23°C, <50% RH, Traceable to SI
Transit Case:
(see page 3)
High-stability, cost-effective capacitance standards
with low temperature coefficients, low losses, and a
wide range of values.
Specifications
Nominal
value
Model
Adjustment
to nominal
Temperature
coefficient
(ppm/°C)
Calibration
Conditions
Dissipation
(typical)
Stability
(per year)
Max voltage
Terminals
Capacitor type
Peak (V) Max Frequency
1 pF
SCA-1pF
±0.1 pF
+20 to +40
£ 15 Vac
Parallel Model
1 kHz
AH2700A or
equivalent
0.002
±0.1 pF
500
10 kHz
2 bnc
connectors
+ gnd
Air capacitors
1.9 pF
SCA-1.9pF
±0.1 pF
+20 to +40
0.002
±0.1 pF
500
10 kHz
10 pF
SCA-10pF
±0.1 pF
+20 to +40
0.002
±0.1 pF
500
10 kHz
19 pF
SCA-19pF
±0.1 pF
+20 to +40
0.001
±0.1 pF
500
10 kHz
100 pF
SCA-100pF
±0.1 pF
20
0.0005
±0.1 pF
500
10 kHz
Silvered mica
mechanically stabilized
hermetically sealed
190 pF
SCA-190pF
±0.1 pF
20
0.0005
±0.1 pF
500
10 kHz
1.0 nF
SCA-1nF
±0.02%
20
0.0003
±100 ppm
500
10 kHz
1.9 nF
SCA-1.9nF
±0.02%
20
0.0003
±100 ppm
500
10 kHz
10 nF
SCA-10nF
±0.02%
20
0.0003
±100 ppm
500
10 kHz
2 binding
posts + gnd
19 nF
SCA-19nF
±0.02%
20
0.0003
±100 ppm
500
10 kHz
100 nF
SCA-100nF
±0.02%
20
0.0003
±100 ppm
500
10 kHz
190 nF
SCA-190nF
±0.02%
20
0.0003
±100 ppm
500
10 kHz
1 µF
SCA-1µF
±0.02%
20
0.0002
±100 ppm
500
10 kHz
1.9 µF
SCA-1.9µF
±0.02%
20
1 Vac
Series Model
1 kHz
0.0002
±100 ppm
100
10 kHz
4 binding
posts + gnd
Metallized
polypropylene sulfide
hermetically sealed
5 µF
SCA-5µF
±0.02%
±50
0.0005
±200 ppm
50
10 kHz
10 µF
SCA-10µF
±0.04%
±50
1 Vac
Series Model
100 Hz
(1 kHz data included)
0.0005
±200 ppm
22 Vrms†
1 kHz
19 µF
SCA-19µF
±0.04%
±50
0.0005
±200 ppm
44 Vrms†
1 kHz
100 µF
SCA-100µF
±0.05%
±50
0.001
±500 ppm
22 Vrms†
1 kHz
190 µF
SCA-190µF
±0.05%
±50
0.001
±500 ppm
22 Vrms†
1 kHz
1,000 µF
SCA-1000µF
±0.4%
-150
0.001
±500 ppm
22 Vrms†
1 kHz
5,000 µF
SCA-5000µF
±2%
-150
0.001
--
22 Vrms†
1 kHz
Polypropylene
10,000 µF SCA-10000µF
±2%
-150
0.001
--
22 Vrms†
1 kHz
XXX F
SCA-XXX
customer-selected value and power specifications
† Maximum allowable Vrms; subject to maximum Vdc = 50 V and max Vrms = (39000/f) for C = 10 µF;
(26000/f) for C = 19 µF; (13000/f) for C £100µF, where f = frequency (in Hz).
• High-accuracy and stability
• Capacitance values from 1 pF to 10,000 µF
• Custom values available
• Mechanically stabilized capacitors
• Stability: <100 ppm/year
• Excellent TC: as low as 10 ppm/°C
• Low loss: D as low as 20 ppm
• SCA-1nF-8588A available for direction connection to the
Fluke 8588A to calibrate the 1 nF capacitance range
Mechanical:
Nominal Values
Dimensions
Weight
1 pF < 1 µF
8.6 cm H x 10.5 cm W x 12.7 cm D
(3.4” x 4.15” x 5”)
0.73 kg (1.6 lb)
1 µF (only)
14.3 cm H x 8.3 cm W x 6.9 cm D
(5.6" x 3.2" x 2.7")
1.1 kg (2.25 lb)
>1 µF £ 190 µF
8.6 cm H x 10.5 cm W x 12.7 cm D
(3.4” x 4.15” x 5”)
0.73 kg (1.6 lb)
1,000 µF
31 cm W x 8.9 cm H x 10.2 cm D
(12.2" x 3.5" x 4")
1.7 kg (3.8 lb)
5,000 µF
53.3 cm W x 27.3 cm H x 44.5 cm D
(21" x 10.75" x 17.5")
27.2 kg (60 lb)
10,000 µF
36.3 kg (80 lb)
SCA-1nF-8588A
12 cm H x 8.6 cm W x 9.5 cm D
(4.75" x 3.4" x 3.75")
0.73 kg (1.6 lb)
SCA Capacitance Standard


Similar Part No. - SCA

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
287Kb / 1P
Precision Metal Film Resistors
logo
Kemet Corporation
SCA KEMET-SCA Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
159Kb / 1P
Precision Metal Film Resistors
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
Silicon PIN Photodiode with Op Amp
More results

Similar Description - SCA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
High frequency capacitance standards
August 2022
1409 IET-1409 Datasheet
230Kb / 2P
Standard Capacitance Reference or Working Standard
Oct. 2015
SRAC IET-SRAC Datasheet
178Kb / 1P
ac Standard Resistance Working Standards
March 2020
SRX IET-SRX Datasheet
288Kb / 2P
Standard Resistance Reference or Working Standards
Feb 2023
logo
Fluke Corporation
734A FLUKE-734A Datasheet
820Kb / 7P
DC Reference Standard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com