Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT807CTPYG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 74FCT807CTPYG
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT807CTPYG Datasheet(HTML) 7 Page - Renesas Technology Corp

  74FCT807CTPYG Datasheet HTML 1Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 2Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 3Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 4Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 5Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 6Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 7Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 8Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
tPLH1
OUTPUT 1
OUTPUT 2
tSK(o)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
INPUT
tPHL1
tPHL2
tSK(o)
3V
0V
VOH
tPLH
tPHL
VOL
1.5V
1.5V
tR
tF
2.0V
0.8V
INPUT
tPLH1
PACKAGE 1 OUTPUT
PACKAGE 2 OUTPUT
tSK(t)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
tPHL1
tPHL2
tSK(t)
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
0.3V
0.3V
t PLZ
t PZL
t PZH
t PHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
tSK(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
tPLH
tPHL
3V
0V
VOH
1.5V
1.5V
VOL
tSK(p) = |tPHL -
tPLH|
tSK(t) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
INPUT
OUTPUT
INPUT
OUTPUT
VOL
VOH
TEST WAVEFORMS
Package Delay
Pulse Skew - tSK(P)
Enable and Disable Times
Output Skew - tSK(O)
Part-to-Part Skew - tSK(T)
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤1.0MHz; tF ≤2.5ns; tR ≤2.5ns
NOTE:
1. Package 1 and Package 2 are same device type and speed grade.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com