Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT807CTPYG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT807CTPYG
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT807CTPYG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT807CTPYG Datasheet HTML 1Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 2Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 3Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 4Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 5Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 6Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 7Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 8Page - Renesas Technology Corp 74FCT807CTPYG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
MAY 2010
2006
Integrated Device Technology, Inc.
DSC-4242/4
c
IDT74FCT807BT/CT
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS
1-TO-10 CLOCK DRIVER
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 250ps (max.)
• Very low duty cycle distortion < 350ps (max.)
• High speed: propagation delay < 2.5ns (max.)
• 100MHz operation
• TTL compatible inputs and outputs
• TTL level output voltage swings
• 1:10 fanout
• Output rise and fall time < 1.5ns (max)
• Low input capacitance: 4.5pF typical
• High drive: -32mA IOH, +48mA IOL
• Available in QSOP, SSOP, and SOIC packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The FCT807T clock driver is built using advanced dual metal CMOS
technology. This low skew clock driver features 1:10 fanout, providing
minimal loading on the preceding drivers. The FCT807T offers low
capacitance inputs with hysteresis for improved noise margins. TTL level
outputs and multiple power and grounds reduce noise. The device also
features -32/48mA drive capability for driving low impedance traces.
IN
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
PIN CONFIGURATION
QSOP/ SOIC/ SSOP
TOP VIEW
GND
VCC
GND
VCC
GND
GND
VCC
GND
O5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
IN
O1
O2
O3
O4
O10
O9
O8
O7
O6


Similar Part No. - 74FCT807CTPYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT807CTPYPBLANK IDT-74FCT807CTPYPBLANK Datasheet
87Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
74FCT807CTPYPI IDT-74FCT807CTPYPI Datasheet
87Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - 74FCT807CTPYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_09 Datasheet
87Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com