Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHT10H032LFJ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMHT10H032LFJ
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHT10H032LFJ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMHT10H032LFJ Datasheet HTML 1Page - Diodes Incorporated DMHT10H032LFJ Datasheet HTML 2Page - Diodes Incorporated DMHT10H032LFJ Datasheet HTML 3Page - Diodes Incorporated DMHT10H032LFJ Datasheet HTML 4Page - Diodes Incorporated DMHT10H032LFJ Datasheet HTML 5Page - Diodes Incorporated DMHT10H032LFJ Datasheet HTML 6Page - Diodes Incorporated DMHT10H032LFJ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMHT10H032LFJ
Document number: DS42506 Rev. 2 - 2
2 of 7
www.diodes.com
June 2020
© Diodes Incorporated
DMHT10H032LFJ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
6
5
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
40
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.5
A
Pulsed Body Diode Current (10µs Pulse, Duty Cycle = 1%)
ISM
40
A
Avalanche Current (Note 7) L = 0.3mH
IAS
13
A
Avalanche Energy (Note 7) L = 0.3mH
EAS
25.3
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
130
°C/W
Total Power Dissipation (Note 6)
PD
1.9
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
64
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
11
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS =
20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.3
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
25
33
m
VGS = 10V, ID = 6A
34
50
VGS = 4.5V, ID = 4A
Diode Forward Voltage
VSD
0.8
1.0
V
VGS = 0V, IS = 6A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
683
pF
VDS = 50V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
165
pF
Reverse Transfer Capacitance
Crss
6.9
pF
Gate Resistance
Rg
1.2
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
6.3
nC
VDS = 50V, ID = 6A
Total Gate Charge (VGS = 10V)
Qg
11.9
nC
Gate-Source Charge
Qgs
2.0
nC
Gate-Drain Charge
Qgd
3.1
nC
Turn-On Delay Time
tD(ON)
4.1
ns
VDS = 50V, RL = 5.85Ω
VGS = 10V, RGEN = 3Ω
Turn-On Rise Time
tR
4.5
ns
Turn-Off Delay Time
tD(OFF)
12.5
ns
Turn-Off Fall Time
tF
9.3
ns
Reverse Recovery Time
tRR
31.5
ns
IF = 6A, di/dt = 500A/μs
Reverse Recovery Charge
QRR
94.6
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com