Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHT10H032LFJ Datasheet (PDF) - Diodes Incorporated

DMHT10H032LFJ Datasheet PDF - Diodes Incorporated
Part # DMHT10H032LFJ
Download  DMHT10H032LFJ Download
File Size   500.52 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE

DMHT10H032LFJ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMHT10H032LFJ Datasheet PDF - Diodes Incorporated

Part # DMHT10H032LFJ
Download  DMHT10H032LFJ Click to download

File Size   500.52 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE

DMHT10H032LFJ Datasheet (HTML) - Diodes Incorporated


DMHT10H032LFJ Product details

Features
 Thermally Efficient Package – Cooler Running Applications
 High Conversion Efficiency
 Low RDS(ON) – Minimizes On-State Losses
 Low Input Capacitance
 Fast Switching Speed
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable and Robust End Application
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.

Description
This new generation complementary MOSFET H-Bridge features low
on-resistance achievable with low gate drive.

Applications
 Motor Control
 DC-DC Converters
 Power Management




Similar Part No. - DMHT10H032LFJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHT3006LFJ DIODES-DMHT3006LFJ Datasheet
434Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
September 2018 Rev. 3 - 2
DMHT3006LFJ-13 DIODES-DMHT3006LFJ-13 Datasheet
434Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
September 2018 Rev. 3 - 2
DMHT6016LFJ DIODES-DMHT6016LFJ Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
DMHT6016LFJ-13 DIODES-DMHT6016LFJ-13 Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
More results


Similar Description - DMHT10H032LFJ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
100V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
logo
Unisonic Technologies
1NNPP10 UTC-1NNPP10 Datasheet
221Kb / 6P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
DMHT6016LFJ DIODES-DMHT6016LFJ Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
DMHT3006LFJ DIODES-DMHT3006LFJ Datasheet
434Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
September 2018 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com