Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3012LEG Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DMN3012LEG
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LEG Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DMN3012LEG Datasheet HTML 2Page - Diodes Incorporated DMN3012LEG Datasheet HTML 3Page - Diodes Incorporated DMN3012LEG Datasheet HTML 4Page - Diodes Incorporated DMN3012LEG Datasheet HTML 5Page - Diodes Incorporated DMN3012LEG Datasheet HTML 6Page - Diodes Incorporated DMN3012LEG Datasheet HTML 7Page - Diodes Incorporated DMN3012LEG Datasheet HTML 8Page - Diodes Incorporated DMN3012LEG Datasheet HTML 9Page - Diodes Incorporated DMN3012LEG Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DMN3012LEG
Document number: DS41633 Rev. 2 - 2
9 of 10
www.diodes.com
March 2019
© Diodes Incorporated
DMN3012LEG
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (Type D)
PowerDI3333-8
(Type D)
Dim
Min
Max
Typ
A
1.17
1.23
1.20
A1
0.00
0.05
0.02
A3
0.15
0.25
0.20
A3a
0.05
0.15
0.10
b
0.30
0.40
0.35
b2
0.95
1.05
1.00
D
3.20
3.40
3.30
D2
2.65
2.75
2.70
E
3.20
3.40
3.30
E2
1.75
1.85
1.80
d
0.15
0.25
0.20
e
--
--
0.65
k
--
--
0.30
k1
0.21
0.31
0.26
L
0.40
0.50
0.45
La
0.15
0.25
0.20
z
0.25
0.35
0.30
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (Type D)
Dimensions
Value
(in mm)
C
0.650
X
0.450
X1
1.100
X2
2.400
X3
2.800
X4
3.500
Y
0.650
Y1
0.300
Y2
1.390
Y3
1.900
Y4
3.600
E E2
L
D
D2
b
e
1
PIN# 1 I.D.
A
A3
A3a
A1
b2
k
k1
d
z
La
These exposed die clip may vary
X(6x)
X4
X1
C
X2
Y(7x)
Y1
Y3
Y4
X3
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com