Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3012LEG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3012LEG
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LEG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3012LEG Datasheet HTML 1Page - Diodes Incorporated DMN3012LEG Datasheet HTML 2Page - Diodes Incorporated DMN3012LEG Datasheet HTML 3Page - Diodes Incorporated DMN3012LEG Datasheet HTML 4Page - Diodes Incorporated DMN3012LEG Datasheet HTML 5Page - Diodes Incorporated DMN3012LEG Datasheet HTML 6Page - Diodes Incorporated DMN3012LEG Datasheet HTML 7Page - Diodes Incorporated DMN3012LEG Datasheet HTML 8Page - Diodes Incorporated DMN3012LEG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMN3012LEG
Document number: DS41633 Rev. 2 - 2
1 of 10
www.diodes.com
March 2019
© Diodes Incorporated
DMN3012LEG
30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI3333-8
Product Summary
Device
BVDSS
RDS(ON) Max
Q1
30V
12m
Ω @ VGS = 5V, ID = 15A
Q2
30V
6m
Ω @ VGS = 5V, ID = 15A
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
DC-DC Converters
Power Management Functions
Features and Benefits
100% Unclamped Inductive Switch (UIS) Test in Production
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI
®
3333-8
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.044 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3012LEG-7
PowerDI3333-8 (Type D)
1000 / Tape & Reel
DMN3012LEG-13
PowerDI3333-8 (Type D)
3000 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
E04 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 19 = 2019)
WW = Week Code (01 to 53)
Top View
Bottom View
Pin1
PowerDI3333-8 (Type D)
PowerDI is a registered trademark of Diodes Incorporated.
Top View
Pin Configuration
Green


Similar Part No. - DMN3012LEG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3012LFG DIODES-DMN3012LFG Datasheet
534Kb / 10P
30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN3012LFG-13 DIODES-DMN3012LFG-13 Datasheet
534Kb / 10P
30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN3012LFG-7 DIODES-DMN3012LFG-7 Datasheet
534Kb / 10P
30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Similar Description - DMN3012LEG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3012LFG DIODES-DMN3012LFG Datasheet
534Kb / 10P
30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com