Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH45M7SCT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH45M7SCT
Description  40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH45M7SCT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH45M7SCT Datasheet HTML 1Page - Diodes Incorporated DMNH45M7SCT Datasheet HTML 2Page - Diodes Incorporated DMNH45M7SCT Datasheet HTML 3Page - Diodes Incorporated DMNH45M7SCT Datasheet HTML 4Page - Diodes Incorporated DMNH45M7SCT Datasheet HTML 5Page - Diodes Incorporated DMNH45M7SCT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMNH45M7SCT
Document number: DS39969 Rev. 4 - 2
1 of 6
www.diodes.com
August 2018
© Diodes Incorporated
DMNH45M7SCT
40V +175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON)
ID
TC = +25°C
40V
4.0
mΩ @ VGS = 10V
220A
Description
This new generation Enhancement Mode MOSFET is designed to
minimize RDS(ON) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
Low Input Capacitance
Low Input/Output Leakage
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO220AB (Generic)
Case Material: Molded Plastic
, “Green” Molding Compound, UL
Flammability Classification Rating 94V-0
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram Below
Weight: 1.85 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH45M7SCT
TO220AB (Generic)
50 Pieces/Tube
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Equivalent Circuit
Top View
Pin Out Configuration
D
S
G
Top View
Bottom View
= Manufacturer’s Marking
45M7SCT = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 18 = 2018)
WW = Week (01 to 53)
TO220AB (Generic)
Green
YYWW
45M7SCT


Similar Part No. - DMNH45M7SCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH4005SCT DIODES-DMNH4005SCT Datasheet
577Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Inchange Semiconductor ...
DMNH4005SCT ISC-DMNH4005SCT Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH4005SCTQ DIODES-DMNH4005SCTQ Datasheet
494Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH4005SPS DIODES-DMNH4005SPS Datasheet
625Kb / 7P
40V N-CHANNEL 175째C MOSFET
Rev 2
DMNH4005SPS-13 DIODES-DMNH4005SPS-13 Datasheet
625Kb / 7P
40V N-CHANNEL 175째C MOSFET
Rev 2
More results

Similar Description - DMNH45M7SCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMT47M2SFVWQ DIODES-DMT47M2SFVWQ Datasheet
479Kb / 7P
40V 150°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2019 Rev. 2 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
DMTH8008SFGQ DIODES-DMTH8008SFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com