Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4026LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP4026LSD
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4026LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4026LSD Datasheet HTML 1Page - Diodes Incorporated DMP4026LSD Datasheet HTML 2Page - Diodes Incorporated DMP4026LSD Datasheet HTML 3Page - Diodes Incorporated DMP4026LSD Datasheet HTML 4Page - Diodes Incorporated DMP4026LSD Datasheet HTML 5Page - Diodes Incorporated DMP4026LSD Datasheet HTML 6Page - Diodes Incorporated DMP4026LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP4026LSD
Document number: DS44830 Rev. 2 - 2
4 of 7
www.diodes.com
March 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMP4026LSD
V
GS = 10V, ID = 3.0A
V
GS = 4.5V, ID = 3.0A
0.008
0.011
0.014
0.017
0.02
0.023
0.026
0.029
0.032
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
I
D = 250μA
I
D = 1mA
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction Temperature
T
J = -55℃
T
J = 25℃
T
J = 85℃
T
J = 125℃
T
J = 150℃
V
GS = 0V
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
C
rss
C
oss
C
iss
f = 1MHz
10
100
1000
10000
0
8
16
24
32
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
V
DS = 20V, ID = 3A
0
2
4
6
8
10
0
9
18
27
36
45
Q
g (nC)
Figure 11. Gate Charge
R
DS(ON)
Limited
T
J(Max) = 150℃
T
A = 25℃
Single Pulse
DUTon
1*MRP board
V
GS = 10V
Pw = 1ms
Pw = 100
μs
Pw = 1s
Pw = 100ms
Pw = 10ms
Pw = 10s
DC
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com