Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4026LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP4026LSD
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4026LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP4026LSD Datasheet HTML 1Page - Diodes Incorporated DMP4026LSD Datasheet HTML 2Page - Diodes Incorporated DMP4026LSD Datasheet HTML 3Page - Diodes Incorporated DMP4026LSD Datasheet HTML 4Page - Diodes Incorporated DMP4026LSD Datasheet HTML 5Page - Diodes Incorporated DMP4026LSD Datasheet HTML 6Page - Diodes Incorporated DMP4026LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMP4026LSD
Document number: DS44830 Rev. 2 - 2
1 of 7
www.diodes.com
March 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMP4026LSD
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25
C
-40V
25m
Ω @ VGS = -10V
-6.5A
45m
Ω @ VGS = -4.5V
-4.8A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) yet maintain superior switching performance,
making it ideal for high-efficiency power-management applications.
Motor controls
Backlighting
DC-DC converters
Printer equipment
Features and Benefits
100% Unclamped Inductive Switch (UIS) Test in Production
Low RDS(ON) – Minimizes Conduction Losses
Fast Switching Speed
– Minimizes Switching Losses
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: SO-8
Package
Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Lead
Frame. Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Packing
Qty.
Carrier
DMP4026LSD-13
SO-8
2500
Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
P4025LD
YY WW
P4026LD
= Manufacturer’s Marking
P4026LD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 23 = 2023)
WW = Week (01 to 53)
Top View
SO-8
Top View
Pin-Out
Device Symbol


Similar Part No. - DMP4026LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
DMP4026LSSQ-13 DIODES-DMP4026LSSQ-13 Datasheet
573Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
More results

Similar Description - DMP4026LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSD DIODES-DMP4050SSD Datasheet
707Kb / 8P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS32107 Rev 2 - 2
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4025LSD DIODES-DMP4025LSD_15 Datasheet
292Kb / 8P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP4047SSD DIODES-DMP4047SSD_15 Datasheet
280Kb / 5P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP4050SSD DIODES-DMP4050SSD_15 Datasheet
172Kb / 8P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP4047SSD DIODES-DMP4047SSD Datasheet
280Kb / 5P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com