Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC08PMR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBC08PMR
Description  800mA Standalone linear Li-Ion Battery charger with thermal regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC08PMR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBC08PMR Datasheet HTML 8Page - STMicroelectronics STBC08PMR Datasheet HTML 9Page - STMicroelectronics STBC08PMR Datasheet HTML 10Page - STMicroelectronics STBC08PMR Datasheet HTML 11Page - STMicroelectronics STBC08PMR Datasheet HTML 12Page - STMicroelectronics STBC08PMR Datasheet HTML 13Page - STMicroelectronics STBC08PMR Datasheet HTML 14Page - STMicroelectronics STBC08PMR Datasheet HTML 15Page - STMicroelectronics STBC08PMR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application information
STBC08
12/17
6.9
Automatic recharge
The device restarts the charge cycle when the battery voltage falls below 4.05V to maintain
the battery capacity value higher than 80%. During the recharge time, the CHRG pin goes
low state.
6.10
Soft start
When a charge cycle starts, a internal soft start circuit minimizes the inrush current. At
starting phase, the charge current ramps from zero to the full scale in a 100µs period time.
6.11
Thermal regulation
An internal thermal feedback loop reduces the output current if the die temperature attempts
to rise above a present value of approximately 120°C. This feature protects the device from
excessive temperature and allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging the device.
6.12
Power dissipation
It is very important to use a good thermal PC board layout to maximize the available output
current. The thermal path for the heat generated by the IC is from the die to the copper lead
frame through the package leads and exposed pad to the PC board copper. The PC board
copper is the heat sink. The footprint copper pads should be as wide as possible and
expand out to larger copper areas to spread and dissipate the heat to the surrounding
ambient. Feed through vias to inner or backside copper layers are also useful in improving
the overall thermal performance of the device. Other heat sources on the board, not related
to the device, must also be considered when designing a PC board layout because they will
affect overall temperature rise and the maximum output current.
6.13
Stability considerations
The STBC08 contains two control loops: constant voltage and constant current. The
constant-voltage loop is stable without any compensation when a battery is connected with
low impedance leads. Excessive lead length, however, may add enough series inductance
to require a bypass capacitor of at least 1µF from BAT to GND. Furthermore, a 4.7µF
capacitor with a 0.2
Ω to 1Ω series resistor from BAT to GND is required to keep ripple
voltage low when the battery is disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com