Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC08PMR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STBC08PMR
Description  800mA Standalone linear Li-Ion Battery charger with thermal regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC08PMR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STBC08PMR Datasheet HTML 9Page - STMicroelectronics STBC08PMR Datasheet HTML 10Page - STMicroelectronics STBC08PMR Datasheet HTML 11Page - STMicroelectronics STBC08PMR Datasheet HTML 12Page - STMicroelectronics STBC08PMR Datasheet HTML 13Page - STMicroelectronics STBC08PMR Datasheet HTML 14Page - STMicroelectronics STBC08PMR Datasheet HTML 15Page - STMicroelectronics STBC08PMR Datasheet HTML 16Page - STMicroelectronics STBC08PMR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
STBC08
14/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.30
0.38
0.009
0.012
0.015
D
2.90
3.00
3.10
0.114
0.118
0.122
D2
2.23
2.38
2.48
0.088
0.094
0.098
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.65
1.75
0.059
0.065
0.069
e
0.95
0.037
L
0.30
0.40
0.50
0.012
0.016
0.020
DFN6 (3x3) MECHANICAL DATA
7946637A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com