Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # AM3
Description  AM3 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

AM3 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  AM3 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD AM3 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms)
Nominal Current
(mA)
Maximum
Pick Up
Voltage (v)
Minimum
Drop Out
Voltage (V)
12
24
18
72
333
167
3.6
7.2
0.6
1.2
6
288
83
14.4
2.4
AM3 SERIES
•Plug-in/ PCB terminals are available for customer's selection.
•60A/ 80A high current automotive relay
•1A (1PST) contact form
•Using at automotive, direct connection with cell motors,
transmission, and anti-locking braking system.
FEATURES
ORDERING INFORMATION
COIL DATA(1.8W, at 25 )
C
12
AM3
1. Type
2. Contact Arrangement
A : 1 Form A(1PST-NO)
Nil: 1 Form C(1PDT)
3. Coil Nominal Voltage
1
3
1A
2
B
4
5
Resistive (Cos.q = 1)
DC 14V
DC 14V
80A/60A
80A
Resistive (Cos.q = 1)
1PDT
1PST-NO
CONTACT RATING
4. Cover Type
P : Cover for Plastic Bracket
B : Plastic Cover
5. Terminal Type
Nil : Standard Type
P : P.C.B. Terminal
P
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - AM3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AM3 ALTECH-AM3 Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
AIMCO
AM3/16Z AIMCO-AM3/16Z Datasheet
116Kb / 1P
STANDARD FASTENER TOOLS
logo
Allied Components Inter...
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
Axial Molded Inductors
logo
Knowles Electronics
AM30 KNOWLES-AM30 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Allied Components Inter...
AM30-100K-RC ALLIED-AM30-100K-RC Datasheet
889Kb / 1P
Axial Molded Inductors
More results

Similar Description - AM3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com