Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L90 Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # L90
Description  L90 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

L90 Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  L90 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD L90 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(BOTTOM VIEW)
P.C.B LAYOUT
DIMENSIONS(±0.2mm)
19.4
4.8
SEALED TYPE
27.4
2.5
19.6
28.2
OPEN TYPE
1A
1B
1C
L90
L90S
GENERAL DATA
27.4
2.5
3-Ø1.6
10.2
3.8
17.8
2-Ø1.1
L90S
L90
27.4
2.5
4
-Ø1.6
10.2
3.8
17.8
2-Ø1.1
WIRING DIAGRAM(BOTTOM VIEW)
Resistive (Cos.q = 1)
Resistive (Cos.q = 1)
Resistive (Cos.q = 1)
1 A(1PST-NO)
1 B(1PST-NC)
1C(1PDT)
AC 240V /DC28V
NC:20A/NO:30A
CONTACT RATING
15A
AC 240V /DC28V
AC 240V /DC28V
L:1C(1PDT)
Resistive (Cos.q = 1)
AC 240V/ DC 30V
NC/NO:40A
T:1C(1PDT)
Resistive (Cos.q = 1)
AC 240V/ DC 30V
NC:20A/NO:30A
30A
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
100 MW Min. (DC 500V)
1,500 VAC, 50/60Hz between contact.
2,000 VAC, 50/60Hz between all elements.
Ag Alloy.
50 milliohms max. ( initial value )
Malfunction: 10G(11ms) ; Destructive: 100G(6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
15 ms max.
10 ms max.
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Nil type Electrical - 100,000 operations min. at rated load.
T type Electrical - 70,000 operations min. at rated load.
32 grams
o
o
- 40 C ~ + 85 C
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com