Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L90 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # L90
Description  L90 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

L90 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  L90 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD L90 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
5
6
9
12
18
24
Coil Nominal
Voltage
(VDC)
Resistance
Tol. 10%
±
(Ohms)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
Coil Nominal
Voltage
(50/60Hz)
Resistance
Tol. 10%
±
(Ohms)
27
40
97
155
380
660
0.5
0.6
0.9
1.2
2.4
3.75
4.5
6.75
9.0
13.5
18.0
6
12
24
110
220
10
43
160
3,160
13,490
5.1
10.2
20.4
93.5
187.0
DC 0.9 W
A C 1.2 VA
0.6
1.2
2.4
11.0
22.0
1.8
L90 SERIES
•Up to 30A switching capacity in 1PST and 20A switching in
1PDT arrangement
•Open-frame and plastic sealed types are available
•Using at home appliances, power switching appliances, car
controller, heating, ventilating, and conditioning systems
FEATURES
ORDERING INFORMATION
COIL DATA(at 25 )
C
12
L90
1. Type
2. Contact Arrangement
Nil : 1 Form C(1PDT)
A : 1 Form A(1PST-NO)
B : 1 From B(1PST-NC)
3. Common Terminals Type
Nil : Standard Type
S : Without Common Terminal
between coil terminals
A
A S
4. Coil Nominal Voltage
5. Coil Nominal Voltage Type
Nil : DC
A : AC
6. Enclosure Type
Nil : Open Type
W : Sealed Type
7. Contact Rating
Nil : 30A (UL/TUV)
L : 40A
T : 20A
W
1
2
3
4
5
6
7
L
UL FILE NO. : E510886
CUL FILE NO. : E510886
TUV FILE NO. : R50433377
48
36.0
4.8
2,560
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - L90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L90 ETC2-L90 Datasheet
84Kb / 1P
PCB
logo
Gilway Technical Lamp
L9001 GILWAY-L9001 Datasheet
29Kb / 1P
Line Filament Lamps
logo
STMicroelectronics
L9001 STMICROELECTRONICS-L9001 Datasheet
624Kb / 38P
Automotive power supply IC with multiple voltage regulators
24-Jan-2019
L9001-TR STMICROELECTRONICS-L9001-TR Datasheet
624Kb / 38P
Automotive power supply IC with multiple voltage regulators
24-Jan-2019
logo
RAYEX ELECTRONICS CO., ...
L901 RAYEX-L901 Datasheet
482Kb / 2P
L901 SERIES
More results

Similar Description - L90

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424196 PHOENIX-1424196 Datasheet
281Kb / 7P
Flush-type connector - SACC-CI-M12MS-17CON-L90
1424197 PHOENIX-1424197 Datasheet
273Kb / 7P
Flush-type connector - SACC-CI-M12FS-17CON-L90
1432457 PHOENIX-1432457 Datasheet
342Kb / 8P
Flush-type connector - SACC-CI-M12FSD-4CON-L90 SCO
1694224 PHOENIX-1694224 Datasheet
68Kb / 3P
Flush-type connector - SACC-DSIV-M12MS-5CON-L90
1411558 PHOENIX-1411558 Datasheet
302Kb / 2P
Connector - SACC-M12-SCO NUT L90 GG
1440708 PHOENIX-1440708 Datasheet
93Kb / 4P
Flush-type connector - SACC-CI-M12FSD-4CON-L90
12/17/2018
1424195 PHOENIX-1424195 Datasheet
813Kb / 18P
SACC-CI-M12FS-12CON-L90 - Flush-type connector
1424194 PHOENIX-1424194 Datasheet
670Kb / 15P
SACC-CI-M12MS-12CON-L90 - Contact carrier
1436709 PHOENIX-1436709 Datasheet
310Kb / 6P
SACC-M12-SCO PLUG L90 - Housing screw connection
1424193 PHOENIX-1424193 Datasheet
612Kb / 14P
SACC-CI-M12FSY-8CON-L90 - Contact carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com