Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LEG
Description  LEG SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LEG Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LEG Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LEG Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEG SERIES
·10A cube relay
·1 Form C ( 1PDT) contact arrangement
·Plastic material applied in high temperature and better
chemical solution.
·Sealed type for washing procedure
·Using at home appliances, office machines, audio
equipment, coffee pot , control units, etc.
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms )
Nominal Current
(mA)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
3
5
6
9
12
24
25
70
100
225
400
1,600
120
72
60
40
30
15
2.1
3.5
4.2
6.3
8.4
16.8
0.3
0.5
0.6
0.9
1.2
2.4
48
6,400
7.5
33.6
4.8
UL FILE NO. : E510886
CUL FILE NO. : E510886
TUV FILE NO. : R50433366
FEATURES
ORDERING INFORMATION
COIL DATA(0.36W, at 25 )
C
LEG
1
12
3
1. Type
2. Contact Arrangement
Nil : 1 Form C(1PDT)
1A : 1 Form A(1PST-NO)
3. Coil Nominal Voltage
4. Nil:10A
H: 7A ( Without UL/TUV Certificate)
1A
2
H
4
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - LEG

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LEG SENSATA-LEG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
LEG SENSATA-LEG Datasheet
1Mb / 26P
Hydraulic Magnetic Circuit Protectors
Revised 01/17/20
logo
List of Unclassifed Man...
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
logo
RAYEX ELECTRONICS CO., ...
LEG-12F RAYEX-LEG-12F Datasheet
500Kb / 2P
LEG-F SERIES
LEG-12FF RAYEX-LEG-12FF Datasheet
500Kb / 2P
LEG-F SERIES
More results

Similar Description - LEG

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC132-14IO1 IXYS-MCC132-14IO1 Datasheet
212Kb / 6P
Phase leg
MCC310-14IO1 IXYS-MCC310-14IO1 Datasheet
190Kb / 6P
Phase leg
MCC26-16IO8B IXYS-MCC26-16IO8B Datasheet
669Kb / 6P
Phase leg
MCC72-16IO1B IXYS-MCC72-16IO1B Datasheet
645Kb / 6P
Phase leg
MCC72-18IO8B IXYS-MCC72-18IO8B Datasheet
445Kb / 6P
Phase leg
MCC95-18IO8B IXYS-MCC95-18IO8B Datasheet
306Kb / 6P
Phase leg
MCC255-16IO1 IXYS-MCC255-16IO1 Datasheet
345Kb / 6P
Phase leg
MCC310-16IO1 IXYS-MCC310-16IO1 Datasheet
190Kb / 6P
Phase leg
MCC162-16IO1 IXYS-MCC162-16IO1 Datasheet
210Kb / 6P
Phase leg
logo
RAYEX ELECTRONICS CO., ...
LEG-F RAYEX-LEG-F Datasheet
500Kb / 2P
LEG-F SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com