Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # LEG
Description  LEG SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LEG Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  LEG Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LEG Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
100 MW Min. (DC 500V)
750 VAC, 50/60Hz between contact.
1,500 VAC, 50/60Hz between all elements.
Ag alloy.
100 milliohms max. ( initial value )
Malfunction: 10G(11ms) ; Destructive: 100G(6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
8 ms max.
5 ms max.
o
o
- 25 C ~ + 80 C
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
9 grams
GENERAL DATA
DIMENSIONS(±0.2mm)
0.3
0.6-2(P)
1.0-2(P)
19
5A
3A
Resistive (Cos.q = 1)
Inductive (Cos.q = 0.4 )
10A
Resistive (Cos.q = 1)
AC 240V / DC 24V
AC 240V
AC 120V
AC 240V / DC 24V
AC 240V
7A
Inductive (Cos.q = 0.4 )
UL
TUV
10A
CONTACT RATING
WIRING DIAGRAM
(BOTTOM VIEW)
15
12
12.2
2
3.65
P.C.B LAYOUT
(BOTTOM VIEW)
5-Ø1.3
1A
1C
NIL:10A
H:7A
Resistive (Cos.q = 1)
AC 240V / DC 24V
7A
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com