Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM596XTTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP04CM596XTTR
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596XTTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP04CM596XTTR Datasheet HTML 4Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 5Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 6Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 7Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 8Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 9Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 10Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 11Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
STP04CM596
8/24
Table 7. Switching characteristics (VDD=5V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH1
Propagation delay time,
CLK-OUTn, LE = H, OE = L
VDD = 5 VVIH = VDD
VIL = GNDCL = 13pF
IO = 40mAVL = 3 V
REXT = 470 ΩRL = 65 Ω
100
160
ns
tPLH2
Propagation delay time,
LE-OUTn, OE = L
100
150
ns
tPLH3
Propagation delay time,
OE-OUTn, LE = H
90
140
ns
tPLH
Propagation delay time,
CLK-SDO
30
40
ns
tPHL1
Propagation delay time,
CLK-OUTn, LE = H, OE = L
40
60
ns
tPHL2
Propagation delay time,
LE -OUTn, OE = L
35
50
ns
tPHL3
Propagation delay time,
OE-OUTn, LE = H
40
70
ns
tPHL
Propagation delay time,
CLK-SDO
30
40
ns
tr
Output rise time (1)
1.
If multiple devices are cascaded, it may not be possible achieve the maximum data transfer. Please
consider the timing conditions carefully.
VO = 1.6 V, RL = 1 Ω
REXT = 470 Ω
300
400
ns
tf
Output fall time (1)
55
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com