Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM596XTTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP04CM596XTTR
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596XTTR Datasheet(HTML) 5 Page - STMicroelectronics

  STP04CM596XTTR Datasheet HTML 1Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 2Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 3Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 4Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 5Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 6Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 7Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 8Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
STP04CM596
Maximum rating
5/24
3
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
3.1
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VO
Output voltage
-0.5 to 16
V
IO
Output current
500
mA
VI
Input voltage
-0.4 to VDD+0.4
V
IGND
GND terminal current
2000
mA
fCLK
Clock frequency
25
MHz
TOPR
Operating temperature range
-40 to +125
°C
TSTG
Storage temperature range
-55 to +150
°C
Table 3. Thermal data
Symbol
Parameter
DIP-14
SO-14
TSSOP16
Unit
RthJA
Thermal resistance junction-ambient
70 (1)
1.
1W of dissipated power, mounted on the board
105 (2)
2.
1W of dissipated power ,mounted on SM PCB1 SGS board
37.5 (3)
3.
Using the PCB Multi-Layer JEDEC Standard Test Boards
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com