Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7260K2U1/XXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7260K2U1/XXX
Description  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260K2U1/XXX Datasheet(HTML) 1 Page - STMicroelectronics

  ST7260K2U1/XXX Datasheet HTML 1Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 2Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 3Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 4Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 5Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 6Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 7Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 8Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
Rev. 2.0
November 2006
1/117
ST7260
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM
AND SERIAL COMMUNICATION INTERFACE (SCI)
■ Memories
– 4 or 8 Kbytes Program Memory: High Density
Flash (HDFlash), FastROM or ROM with Re-
adout and Write Protection
– In-Application Programming (IAP) and In-Cir-
cuit programming (ICP)
– 384 bytes RAM memory (128-byte stack)
■ Clock, Reset and Supply Management
– Run, Wait, Slow and Halt CPU modes
– 12 or 24 MHz Oscillator
– RAM Retention mode
– Optional Low Voltage Detector (LVD)
■ USB (Universal Serial Bus) Interface
– DMA for low speed applications compliant
with USB 1.5 Mbs (version 2.0) and HID spec-
ifications (version 1.0)
– Integrated 3.3 V voltage regulator and trans-
ceivers
– Supports USB DFU class specification
– Suspend and Resume operations
– 3 Endpoints with programmable In/Out config-
uration
■ Up to 19 I/O Ports
– Up to 8 high sink I/Os (10 mA at 1.3 V)
– 2 very high sink true open drain I/Os (25 mA
at 1.5 V)
– Up to 8 lines individually programmable as in-
terrupt inputs
■ 2 Timers
– Programmable Watchdog
– 16-bit Timer with 2 Input Captures, 2 Output
Compares, PWM output and clock input
■ 1 Communication Interface
– Asynchronous Serial Communications Inter-
face
■ Instruction Set
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
■ Development Tools
– Versatile Development Tools (under Win-
dows) including assembler, linker, C-compil-
er, archiver, source level debugger, software
library,
hardware
emulator,
programming
boards and gang programmers, HID and DFU
software layers
Table 1. Device Summary
SO24
QFN40
(6x6)
Features
ST7260K2
ST7260K1
ST7260E2
ST7260E1
Program Memory -bytes
(Flash or ROM)
8 K
4 K
8 K
4 K
RAM (stack) - bytes
384 (128)
Standard Peripherals
Watchdog timer, 16-bit timer, USB
Other Peripherals
SCI
Operating Supply
4.0 V to 5.5 V
CPU frequency
8 MHz (with 24 MHz oscillator) or 4 MHz (with 12 MHz oscillator)
Operating temperature
0 °C to +70 °C
Packages
QFN40 (6x6)
QFN40 (6x6)
SO24
1


Similar Part No. - ST7260K2U1/XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU family with up to 8K Flash
05-Feb-2009
More results

Similar Description - ST7260K2U1/XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
12-Sep-2007
ST7232A_0512 STMICROELECTRONICS-ST7232A_0512 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Dec-2005
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU family with up to 8K Flash
05-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com