Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT521ATSOG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT521ATSOG
Description  FAST CMOS 8-BIT IDENTITY COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT521ATSOG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT521ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT521ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT521ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT521ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT521ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT521ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT521ATSOG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
74FCT521AT/CT
FASTCMOS8-BITIDENTITYCOMPARATOR
1
Feb.11.20
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• A and C grades
• Low input and output leakage ≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages
FUNCTIONAL BLOCK DIAGRAM
74FCT521AT/CT
FAST CMOS 8-BIT
IDENTITY COMPARATOR
DESCRIPTION:
The IDT74FCT521T is an 8-bit identity comparator built using an
advanced dual metal CMOS technology. These devices compare two
words of up to eight bits each and provide a low output when the two words
match bit for bit. The expansion input IA = B also serves as an active low
enable input.
A0
B0
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
IA=B
OA=B
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
1
19


Similar Part No. - 74FCT521ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT521ATSOG IDT-74FCT521ATSOG Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
74FCT521ATSOG8 IDT-74FCT521ATSOG8 Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
More results

Similar Description - 74FCT521ATSOG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
8-Bit Identity Comparator
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
8-Bit Identity Comparator
logo
Integrated Device Techn...
IDT74FCT521 IDT-IDT74FCT521 Datasheet
146Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521T IDT-IDT74FCT521T Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Pericom Semiconductor C...
PI74FCT521 PERICOM-PI74FCT521 Datasheet
44Kb / 4P
Fast CMOS 8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
8-BIT IDENTITY COMPARATOR
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
8-BIT IDENTITY COMPARATOR
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com