Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2T Datasheet(PDF) 1 Page - MTRONPTI

Part # MSO2T
Description  5V 9x11mm Surface Mount Crystal Clock Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MSO2T Datasheet(HTML) 1 Page - MTRONPTI

  MSO2T Datasheet HTML 1Page - MTRONPTI MSO2T Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TTL/CMOS Compatible
Tri-State Feature for Auto Test Systems
Anti-Static Tube or Tape & Reel Packaging
1.5 to 40 MHz Frequency Range
±20ppm Stability 0oC to 70oC
±32ppm Stability -40oC to 85oC
40/60% Symmetry Standard
45/55% Symmetry Available
Seam Sealed, Resistance Welded Package
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MSO2
34.368
MHz->
CTI DA
TE CO
DE
11.43
mm Max.
8.84 mm
Max.
2.41
mm
Max.
MODEL
MSO2
Frequency Range (MHz)
1.5 to 40
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±20
-40°C to +85°C
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±10%
Input Current (mA)
< 26 @ 40MHz
Symmetry (%) TTL/CMOS
40/60
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<5
MSO2 Series
5V 9x11mm Surface Mount Crystal Clock Oscillators
10TTL/CMOS Compatible
Load
TR and TF (ns)
<5
±32
“0” Level (VOL)
“1” Level (VOH)
0.5V max. @ IOL = 16mA
VCC-0.4V min. @ IOH = -1mA
PART NUMBERING GUIDE
MSO2 XX - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
“Blank” = TTL/CMOS 40%/60%
“C” = CMOS 45%/55%
“T” = TTL 45%/55%
OBSOLETE


Similar Part No. - MSO2T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSO2000B ETC2-MSO2000B Datasheet
1Mb / 18P
Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO2000B TEKTRONIX-MSO2000B Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
MSO2000B TEKTRONIX-MSO2000B Datasheet
2Mb / 40P
Mixed Domain Oscilloscopes
logo
List of Unclassifed Man...
MSO2002B ETC2-MSO2002B Datasheet
1Mb / 18P
Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO2002B TEKTRONIX-MSO2002B Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
More results

Similar Description - MSO2T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMO5 ETC1-CMO5 Datasheet
409Kb / 2P
5V 5x7mm Surface Mount Crystal Clock Oscillators
F1100C ETC1-F1100C Datasheet
441Kb / 2P
5V FR-4 Surface Mount Crystal Clock Oscillators
logo
MTRONPTI
MSO MTRONPTI-MSO Datasheet
605Kb / 2P
5V 9x14mm Surface Mount Crystal Clock Oscillators
MSO3 MTRONPTI-MSO3 Datasheet
611Kb / 2P
3.3V 9x11mm Surface Mount Crystal Clock Oscillators
logo
List of Unclassifed Man...
K500F ETC1-K500F Datasheet
414Kb / 2P
5V Crystal Clock Oscillators
K1100F ETC1-K1100F Datasheet
427Kb / 2P
5V Crystal Clock Oscillators
logo
MTRONPTI
K1400A MTRONPTI-K1400A Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
K1526CLC MTRONPTI-K1526CLC Datasheet
292Kb / 2P
5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1110D MTRONPTI-K1110D Datasheet
289Kb / 2P
5V Crystal Clock Oscillators
RASCOPLUS MTRONPTI-RASCOPLUS Datasheet
604Kb / 2P
5V Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com