Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF2807ZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF2807ZPBF
Description  AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2807ZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF2807ZPBF Datasheet HTML 4Page - International Rectifier IRF2807ZPBF Datasheet HTML 5Page - International Rectifier IRF2807ZPBF Datasheet HTML 6Page - International Rectifier IRF2807ZPBF Datasheet HTML 7Page - International Rectifier IRF2807ZPBF Datasheet HTML 8Page - International Rectifier IRF2807ZPBF Datasheet HTML 9Page - International Rectifier IRF2807ZPBF Datasheet HTML 10Page - International Rectifier IRF2807ZPBF Datasheet HTML 11Page - International Rectifier IRF2807ZPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRF2807Z/S/LPbF
10
www.irf.com
D2Pak Part Marking Information
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
F530S
T HIS IS AN IRF530S WIT H
LOT CODE 8024
AS S EMB LE D ON WW 02, 2000
IN T HE AS S E MB LY LINE "L "
AS S E MBL Y
LOT CODE
INT ERNAT IONAL
RE CT IFIER
LOGO
PART NUMBE R
DAT E CODE
YE AR 0 = 2000
WE EK 02
LINE L
OR
F 530S
A = AS S E MB LY S IT E CODE
WEEK 02
P = DE S IGNAT E S LE AD-F RE E
PRODUCT (OPT IONAL)
RE CT IF IE R
INT E RNAT IONAL
LOGO
LOT CODE
AS S E MB LY
YE AR 0 = 2000
DAT E CODE
PART NUMB E R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com