Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF2807ZPBF Datasheet (PDF) - International Rectifier

IRF2807ZPBF Datasheet PDF - International Rectifier
Part # IRF2807ZPBF
Download  IRF2807ZPBF Download
File Size   279.79 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)

IRF2807ZPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF2807ZPBF Datasheet PDF - International Rectifier

Part # IRF2807ZPBF
Download  IRF2807ZPBF Click to download

File Size   279.79 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)

IRF2807ZPBF Datasheet (HTML) - International Rectifier


IRF2807ZPBF Product details

Description
This HEXFET®Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in a wide variety of applications.

Features
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax
● Lead-Free




Similar Part No. - IRF2807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2807ZPBF IRF-IRF2807ZPBF Datasheet
405Kb / 12P
Advanced Process Technology
IRF2807ZPBF IRF-IRF2807ZPBF Datasheet
405Kb / 12P
Advanced Process Technology
IRF2807ZPBF IRF-IRF2807ZPBF_15 Datasheet
405Kb / 12P
Advanced Process Technology
More results


Similar Description - IRF2807ZPBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
Mar-1999
STP75NE75 STMICROELECTRONICS-STP75NE75 Datasheet
106Kb / 9P
N - CHANNEL 75V - 0.01ohm - 75A TO-220/TO-220FP STripFET POWER MOSFET
May-1999
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
logo
Nihon Inter Electronics...
PDM755HA NIEC-PDM755HA Datasheet
108Kb / 3P
MOSFET 75A 500A
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
logo
STMicroelectronics
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
13-Jul-2007
logo
HY ELECTRONIC CORP.
HY75N075T HY-HY75N075T Datasheet
225Kb / 4P
75V / 75A N-Channel Enhancement Mode MOSFET
logo
Vincotech
10-FZ06NRA084FP02-P969F78 VINCOTECH-10-FZ06NRA084FP02-P969F78 Datasheet
5Mb / 26P
75A parallel switch (75A and 99m MOSFET)
logo
Unisonic Technologies
UTT75N75M UTC-UTT75N75M Datasheet
649Kb / 9P
75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com