Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP6110SFDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP6110SFDF
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SFDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP6110SFDF Datasheet HTML 1Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 2Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 3Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 4Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 5Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 6Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 7Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMP6110SFDF
Document number: DS38492 Rev. 3 - 2
1 of 8
www.diodes.com
March 2020
© Diodes Incorporated
DMP6110SFDF
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
-60V
110m
Ω @ VGS = -10V
-4.2A
130m
Ω @ VGS = -4.5V
-3.9A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it ideal
for high-efficiency power management applications.
Battery Management Application
Power Management Functions
DC-DC Converters
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3)
For automotive applications requiring specific change control
(i.e.: parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please refer
to the related automotive grade (Q-suffix) part. A listing can
be found at
https://www.diodes.com/products/automotive/automotive-
products/.
This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.
https://www.diodes.com/quality/product-definitions/
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMP6110SFDFQ)
Mechanical Data
Case: U-DFN2020-6
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.007 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP6110SFDF-7
U-DFN2020-6 (Type F)
3,000/Tape & Reel
DMP6110SFDF-13
U-DFN2020-6 (Type F)
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
U-DFN2020-6 (Type F)
Equivalent Circuit
Bottom View
Top View
D
S
G
Pin Out
Bottom View
Pin 1


Similar Part No. - DMP6110SFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP6110SFDFQ DIODES-DMP6110SFDFQ Datasheet
397Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
March 2019 Rev. 3 - 2
DMP6110SFDFQ-13 DIODES-DMP6110SFDFQ-13 Datasheet
397Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
March 2019 Rev. 3 - 2
DMP6110SFDFQ-7 DIODES-DMP6110SFDFQ-7 Datasheet
397Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
March 2019 Rev. 3 - 2
More results

Similar Description - DMP6110SFDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com