Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP6110SFDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP6110SFDF
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SFDF Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP6110SFDF Datasheet HTML 1Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 2Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 3Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 4Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 5Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 6Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 7Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMP6110SFDF
Document number: DS38492 Rev. 3 - 2
3 of 8
www.diodes.com
March 2020
© Diodes Incorporated
DMP6110SFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.5
-2.8
A
t<10s
TA = +25°C
TA = +70°C
ID
-4.2
-3.4
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
-20
A
Continuous Source-Drain Diode Current (Note 6)
TA = +25°C
IS
-2.1
A
Avalanche Current (Note 7) L = 0.1mH
IAS
-19
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
18
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.76
W
TA = +70°C
0.47
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
167
°C/W
t<10s
121
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.97
W
TA = +70°C
1.30
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
64
°C/W
t<10s
42
Thermal Resistance, Junction to Case (Note 6)
Steady State
RθJC
8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-60
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
-1
µA
VDS = -48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
-1
—
-3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
—
110
m
Ω
VGS = -10V, ID = -4.5A
—
130
VGS = -4.5V, ID = -3.5A
Diode Forward Voltage
VSD
—
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
969
—
pF
VDS = -30V, VGS = 0V, f =
1.0MHz
Output Capacitance
Coss
—
58
—
Reverse Transfer Capacitance
Crss
—
44
—
Gate Resistance
RG
—
14
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
QG
—
8.2
—
nC
VDS = -30V, ID = -12A
Total Gate Charge (VGS = -10V)
QG
—
17.2
—
Gate-Source Charge
QGS
—
3.0
—
Gate-Drain Charge
QGD
—
3.1
—
Turn-On Delay Time
tD(ON)
—
4.4
—
ns
VGS = -10V, VDS = -30V, RGEN =
6
Ω, ID = -12A
Turn-On Rise Time
tR
—
23
—
Turn-Off Delay Time
tD(OFF)
—
34
—
Turn-Off Fall Time
tF
—
42
—
Reverse Recovery Time
tRR
—
13.2
—
ns
IS = -12A, di/dt = -100A/μs
Reverse Recovery Charge
QRR
—
6.2
—
nC
IS = -12A, di/dt = -100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com