Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT82V2604 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # IDT82V2604
Description  INVERSE MULTIPLEXING FOR ATM
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT82V2604 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button IDT82V2604 Datasheet HTML 35Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 36Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 37Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 38Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 39Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 40Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 41Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 42Page - Renesas Technology Corp IDT82V2604 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
PROGRAMMING INFORMATION for IMAOS04
39
December 4, 2006
IDT82V2604
Inverse Multiplexing for ATM
Table-22 ConfigGroupWorkMode Command (Encoding: 07H)
This should be the third command issued to configure a group, i.e., this command should follow ConfigGroupInterface command.
Command Parameters
Byte Sequence
Parameter Name
Default
Description
1
Group ID
NA
The physical group ID (0~3).
This is the same Group ID in ConfigGroupPara command.
2
Symmetry mode
NA
0: SCSO (Symmetrical Configuration and Symmetrical Operation);
1: SCAO (Symmetrical Configuration and Asymmetrical Operation);
2: ACAO (Asymmetrical Configuration and Asymmetrical Operation)
Note: Value exceeding 2 will be regarded as 0.
3
Stuff mode
1H
0: ITC (Independent Transmit Clock stuff insertion);
1: CTC (Common Transmit Clock stuff insertion)
If at least one of the links uses independent clock pin as its clock input, stuff mode can only be set as ITC.
If all the links within the group use common clock pin (i.e., TSCCK and RSCCK) as their clock input, stuff
mode can be set as either CTC or ITC.
Note: Wrong configuration will lead to wrong ICP cells.
4
Stuff adv mode
1H
0: Pre-notify the stuff event 1 frame ahead;
1: Pre-notify the stuff event 4 frames ahead.
ICP stuff cell indication. It tells the FE the distance (unit is IMA frame) between the current ICP cell and
the forthcoming stuff ICP cell.
Note: The upper 7 bits are Don’t Care.
Command Reply
Byte Sequence
Reply Name
Description
1Ack
0: OK;
1: Invalid parameter;
2: The physical group is not configurable;
Others: Internal error. The chip should be reset.
1234
Group ID
Symmetry mode
Stuff mode
Stuff adv mode
1
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com