Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4448 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMLL4448
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4448 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMLL4448 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© Nexperia B.V. 2017. All rights reserved
PMLL4148L_PMLL4448
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 1 February 2011
2 of 11
Nexperia
PMLL4148L; PMLL4448
High-speed switching diodes
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
sym006
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMLL4148L
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
PMLL4448
Table 5.
Marking codes
Type number
Marking code
PMLL4148L
marking band
PMLL4448
marking band
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
75
V
IF
forward current
[1] -
200
mA
IFRM
repetitive peak forward
current
-
450
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com