Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4448 Datasheet (PDF) - Nexperia B.V. All rights reserved

PMLL4448 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMLL4448
Download  PMLL4448 Download
File Size   702.37 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-speed switching diodes

PMLL4448 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMLL4448 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMLL4448
Download  PMLL4448 Click to download

File Size   702.37 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-speed switching diodes

PMLL4448 Datasheet (HTML) - Nexperia B.V. All rights reserved


PMLL4448 Product details

1.1 General description
Single high-speed switching diodes, fabricated in planar technology, and encapsulated in
small hermetically sealed glass SOD80C Surface-Mounted Device (SMD) packages.
1.2 Features and benefits
High switching speed: trr ≤ 4 ns
Reverse voltage: VR ≤ 75 V
Repetitive peak reverse voltage: VRRM ≤ 100 V
Repetitive peak forward current: IFRM ≤ 450 mA
Small hermetically sealed glass SMD package
1.3 Applications
High-speed switching
Reverse polarity protection
Table 1. Product overview
Type number Package Configuration
PMLL4148L SOD80C single
PMLL4448




Similar Part No. - PMLL4448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMLL4448 PHILIPS-PMLL4448 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4448 PHILIPS-PMLL4448 Datasheet
67Kb / 11P
High-speed switching diodes
Rev. 06-4 April 2005
PMLL4448 NXP-PMLL4448 Datasheet
74Kb / 11P
High-speed switching diodes
Rev. 07-31 January 2007
PMLL4448 NXP-PMLL4448 Datasheet
122Kb / 11P
High-speed switching diodes
Rev. 8-1 February 2011
PMLL4448 NXP-PMLL4448 Datasheet
122Kb / 11P
High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
More results


Similar Description - PMLL4448

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com